Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM63
Description  The LM63 is a remote diode temperature sensor with integrated fan control.
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM63 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM63 Datasheet HTML 8Page - Texas Instruments LM63 Datasheet HTML 9Page - Texas Instruments LM63 Datasheet HTML 10Page - Texas Instruments LM63 Datasheet HTML 11Page - Texas Instruments LM63 Datasheet HTML 12Page - Texas Instruments LM63 Datasheet HTML 13Page - Texas Instruments LM63 Datasheet HTML 14Page - Texas Instruments LM63 Datasheet HTML 15Page - Texas Instruments LM63 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Remote High Limit
RDTS Measurement
Time
ALERT mask set in
response to ARA
from master
LM63
ALERT Pin
Status Register: Remote High
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
The LM63 fulfills “disengaging of ALERT” by setting the ALERT Mask Bit in the Configuration Register after
sending out its address in response to an ARA and releasing the ALERT output pin. Once the ALERT Mask bit is
activated, the ALERT output pin will be disabled until enabled by software. In order to enable the ALERT the
master must read the ALERT Status Register, during the interrupt service routine and then reset the ALERT
Mask bit in the Configuration Register to 0 at the end of the interrupt service routine.
The following sequence describes the ARA response protocol.
1. Master senses SMBus alert line low
2. Master sends a START followed by the Alert Response Address (ARA) with a Read Command.
3. Alerting Device(s) send ACK.
4. Alerting Device(s) send their address. While transmitting their address, alerting devices sense whether their
address has been transmitted correctly. (The LM63 will reset its ALERT output and set the ALERT Mask bit
once its complete address has been transmitted successfully.)
5. Master/slave NoACK
6. Master sends STOP
7. Master attends to conditions that caused the ALERT to be triggered. The ALERT Status Register is read and
fan started, setpoints adjusted, etc.
8. Master resets the ALERT Mask bit in the Configuration Register.
The ARA, 000 1100, is a general call address. No device should ever be assigned to this address.
The ALERT Configuration bit in the Remote Diode Temperature Filter and Comparator Mode Register must be
set low in order for the LM63 to respond to the ARA command.
The ALERT output can be disabled by setting the ALERT Mask bit in the Configuration Register. The power-on
default is to have the ALERT Mask bit and the ALERT Configuration bit low.
Figure 9. ALERT Output as an SMBus ALERT Temperature Response Diagram
SMBus INTERFACE
Since the LM63 operates as a slave on the SMBus the SMBCLK line is an input and the SMBDAT line is bi-
directional. The LM63 never drives the SMBCLK line and it does not support clock stretching. According to
SMBus specifications, the LM63 has a 7-bit slave address. All bits, A6 through A0, are internally programmed
and cannot be changed by software or hardware.
The complete slave address is:
A6
A5
A4
A3
A2
A1
A0
1
0
0
1
1
0
0
12
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com