Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM7301
Description  At VS = 5V (Typ Unless Otherwise Noted), Tiny 5-Pin SOT-23 Package Saves Space
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7301 Datasheet(HTML) 5 Page - Texas Instruments

  LM7301 Datasheet HTML 1Page - Texas Instruments LM7301 Datasheet HTML 2Page - Texas Instruments LM7301 Datasheet HTML 3Page - Texas Instruments LM7301 Datasheet HTML 4Page - Texas Instruments LM7301 Datasheet HTML 5Page - Texas Instruments LM7301 Datasheet HTML 6Page - Texas Instruments LM7301 Datasheet HTML 7Page - Texas Instruments LM7301 Datasheet HTML 8Page - Texas Instruments LM7301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM7301
www.ti.com
SNOS879H – AUGUST 1999 – REVISED MARCH 2013
2.2V DC Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 2.2V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
LM7301
Symbol
Parameter
Conditions
Units
Typ
Limit
(2)
(3)
ISC
Output Short Circuit Current
Sourcing
10.9
8.0
mA
5.5
min
Sinking
7.7
6.0
mA
5.0
min
IS
Supply Current
0.57
0.97
mA
1.24
max
30V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 30V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
LM7301
Symbol
Parameter
Conditions
Units
Typ
Limit
(2)
(3)
0.04
6
mV
VOS
Input Offset Voltage
8
max
TCVOS
Input Offset Voltage Average Drift
2
μV/°C
IB
Input Bias Current
VCM = 0V
103
300
nA
500
max
VCM = 30V
−50
−100
nA
−200
min
IOS
Input Offset Current
VCM = 0V
1.2
90
nA
190
max
VCM = 30V
0.5
65
nA
135
max
RIN
Input Resistance
0V
≤ VCM ≤ 30V
200
M
Ω
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 30V
104
80
dB
78
min
0V
≤ VCM ≤ 27V
115
90
88
PSRR
Power Supply Rejection Ratio
2.2V
≤ V+ ≤ 30V
104
87
84
VCM
Input Common-Mode Voltage Range
CMRR > 80 dB
30.1
V
−0.1
V
AV
Large Signal Voltage Gain
RL = 10 kΩ
105
30
V/mV
VO = 28VPP
20
min
VO
Output Swing
RL = 10 kΩ
0.16
0.275
V max
0.375
29.8
29.75
V min
28.65
ISC
Output Short Circuit Current
Sourcing(4)
11.7
8.8
mA
6.5
min
Sinking(4)
11.5
8.2
mA
6.0
min
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the devices such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(3)
All limits are guaranteed by testing or statistical analysis.
(4)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) − TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM7301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com