Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM7301
Description  At VS = 5V (Typ Unless Otherwise Noted), Tiny 5-Pin SOT-23 Package Saves Space
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7301 Datasheet(HTML) 3 Page - Texas Instruments

  LM7301 Datasheet HTML 1Page - Texas Instruments LM7301 Datasheet HTML 2Page - Texas Instruments LM7301 Datasheet HTML 3Page - Texas Instruments LM7301 Datasheet HTML 4Page - Texas Instruments LM7301 Datasheet HTML 5Page - Texas Instruments LM7301 Datasheet HTML 6Page - Texas Instruments LM7301 Datasheet HTML 7Page - Texas Instruments LM7301 Datasheet HTML 8Page - Texas Instruments LM7301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM7301
www.ti.com
SNOS879H – AUGUST 1999 – REVISED MARCH 2013
5.0V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ to V
+/2.
Boldface limits apply at the temperature extremes.
LM7301
Symbol
Parameter
Conditions
Units
Typ
Limit
(2)
(3)
0.03
6
mV
VOS
Input Offset Voltage
8
max
TCVOS
Input Offset Voltage Average Drift
2
μV/°C
IB
Input Bias Current
VCM = 0V
90
200
nA
250
max
VCM = 5V
−40
−75
nA
−85
min
IOS
Input Offset Current
VCM = 0V
0.7
70
nA
80
max
VCM = 5V
0.7
55
65
RIN
Input Resistance, CM
0V
≤ VCM ≤ 5V
39
M
Ω
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 5V
88
70
dB
67
min
0V
≤ VCM ≤ 3.5V
93
PSRR
Power Supply Rejection Ratio
2.2V
≤ V+ ≤ 30V
104
87
84
VCM
Input Common-Mode Voltage Range
CMRR
≥ 65 dB
5.1
V
−0.1
V
AV
Large Signal Voltage Gain
RL = 10 kΩ
71
14
V/mV
VO = 4.0VPP
10
min
VO
Output Swing
RL = 10 kΩ
0.07
0.12
V
0.15
max
4.93
4.88
V
4.85
min
RL = 2 kΩ
0.14
0.20
V
0.22
max
4.87
4.80
V
4.78
min
ISC
Output Short Circuit Current
Sourcing
11.0
8.0
mA
5.5
min
Sinking
9.5
6.0
mA
5.0
min
IS
Supply Current
0.60
1.10
mA
1.24
max
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the devices such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(3)
All limits are guaranteed by testing or statistical analysis.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM7301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com