Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM7301
Description  At VS = 5V (Typ Unless Otherwise Noted), Tiny 5-Pin SOT-23 Package Saves Space
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7301 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM7301 Datasheet HTML 5Page - Texas Instruments LM7301 Datasheet HTML 6Page - Texas Instruments LM7301 Datasheet HTML 7Page - Texas Instruments LM7301 Datasheet HTML 8Page - Texas Instruments LM7301 Datasheet HTML 9Page - Texas Instruments LM7301 Datasheet HTML 10Page - Texas Instruments LM7301 Datasheet HTML 11Page - Texas Instruments LM7301 Datasheet HTML 12Page - Texas Instruments LM7301 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LM7301
www.ti.com
SNOS879H – AUGUST 1999 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
TA = 25°C, RL = 1 MΩ unless otherwise specified
Gain and Phase
Gain and Phase, 2.7V Supply
Figure 21.
Figure 22.
APPLICATIONS INFORMATION
GENERAL INFORMATION
Low supply current, wide bandwidth, input common mode voltage range that includes both rails, “rail-to-rail”
output, good capacitive load driving ability, wide supply voltage (1.8V to 32V) and low distortion all make the
LM7301 ideal for many diverse applications.
The high common-mode rejection ratio and full rail-to-rail input range provides precision performance when
operated in non-inverting applications where the common-mode error is added directly to the other system
errors.
CAPACITIVE LOAD DRIVING
The LM7301 has the ability to drive large capacitive loads. For example, 1000 pF only reduces the phase margin
to about 25 degrees.
TRANSIENT RESPONSE
The LM7301 offers a very clean, well-behaved transient response. Figure 23, Figure 24, Figure 25, Figure 26,
Figure 27, Figure 28 show the response when operated at gains of +1 and
−1 when handling both small and
large signals. The large phase margin, typically 70 to 80 degrees, assures clean and symmetrical response. In
the large signal scope photos, Figure 23 and Figure 26, the input signal is set to 4.8V. Note that the output goes
to within 100 mV of the supplies cleanly and without overshoot. In the small signal samples, the response is
clean, with only slight overshoot when used as a follower. Figure 25 and Figure 28 are the circuits used to make
these photos.
Figure 23.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM7301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com