Electronic Components Datasheet Search
  English  ▼

X  

MAX5804 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5804
Description  Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5804 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5804 Datasheet HTML 9Page - Maxim Integrated Products MAX5804 Datasheet HTML 10Page - Maxim Integrated Products MAX5804 Datasheet HTML 11Page - Maxim Integrated Products MAX5804 Datasheet HTML 12Page - Maxim Integrated Products MAX5804 Datasheet HTML 13Page - Maxim Integrated Products MAX5804 Datasheet HTML 14Page - Maxim Integrated Products MAX5804 Datasheet HTML 15Page - Maxim Integrated Products MAX5804 Datasheet HTML 16Page - Maxim Integrated Products MAX5804 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
MAX5803/MAX5804/MAX5805
Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output
Voltage DACs with Internal Reference and I2C Interface
13
Maxim Integrated
Typical Operating Characteristics (continued)
(MAX5805, 12-bit performance, TA = +25NC, unless otherwise noted.)
0.1Hz TO 10Hz OUTPUT NOISE, INTERNAL
REFERENCE (VDD = 5V, VREF = 2.500V)
MAX5803 toc31
VOUT
5µV/div
4s/div
MIDSCALE UNLOADED
VP-P = 12µV
5
10
15
25
20
35
30
40
45
0
VREF DRIFT vs. TEMPERATURE
TEMPERATURE COEFFICIENT (ppm/°C)
4.5 5.0
6.5
6.0
5.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VDD = 2.7V
VREF = 2.5V
BOX METHOD
INTERNAL REFERENCE NOISE
DENSITY vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
50
100
150
200
250
300
350
400
450
0
100
100k
VREF = 4.096V
VREF = 2.5V
VREF = 2.048V
0.1Hz TO 10Hz OUTPUT NOISE, INTERNAL
REFERENCE (VDD = 5V, VREF = 4.096V)
MAX5803 toc32
VOUT
5µV/div
4s/div
MIDSCALE UNLOADED
VP-P = 13µV
REFERENCE OUTPUT CURRENT (µA)
400
300
200
100
-0.25
-0.20
-0.15
-0.10
-0.05
0
-0.30
0
500
REFERENCE LOAD REGULATION
VDD = 5V
INTERNAL REFERENCE
VREF = 2.048V, 2.5V, 4.096V
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
INPUT LOGIC VOLTAGE (V)
4
3
2
1
200
400
600
800
1000
1200
1400
1600
1800
2000
0
05
VDD = 5V
ALL I/O PINS SWEPT
VDDIO = 5V
VDDIO = 3V
VDDIO = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com