Electronic Components Datasheet Search
  English  ▼

X  

MAX5804 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5804
Description  Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5804 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5804 Datasheet HTML 2Page - Maxim Integrated Products MAX5804 Datasheet HTML 3Page - Maxim Integrated Products MAX5804 Datasheet HTML 4Page - Maxim Integrated Products MAX5804 Datasheet HTML 5Page - Maxim Integrated Products MAX5804 Datasheet HTML 6Page - Maxim Integrated Products MAX5804 Datasheet HTML 7Page - Maxim Integrated Products MAX5804 Datasheet HTML 8Page - Maxim Integrated Products MAX5804 Datasheet HTML 9Page - Maxim Integrated Products MAX5804 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
MAX5803/MAX5804/MAX5805
Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output
Voltage DACs with Internal Reference and I2C Interface
6
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 5.5V, VDDIO = 1.8V to 5.5V, VGND = 0V, CL = 200pF, RL = 2kI , TA = -40NC to +125NC, unless otherwise noted.)
(Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Supply Voltage
VDD
VREF = 4.096V
4.5
5.5
V
All other options
2.7
5.5
I/O Supply Voltage
VDDIO
1.8
5.5
V
Supply Current (DAC Output at
Midscale) (Note 9)
IDD
External reference
VREF = 3V
135
190
F
A
VREF = 5V
165
225
Internal reference,
reference pin
undriven
VREF = 2.048V
190
265
VREF = 2.5V
205
280
VREF = 4.096V
250
340
Internal reference,
reference pin driven
VREF = 2.048V
215
300
VREF = 2.5V
225
315
VREF = 4.096V
275
375
Supply Current (DAC Output at
Full Scale) (Note 9)
IDD
External reference
VREF = 3V
155
210
F
A
VREF = 5V
200
265
Internal reference,
reference pin
undriven
VREF = 2.048V
205
280
VREF = 2.5V
220
300
VREF = 4.096V
275
375
Internal reference,
reference pin driven
VREF = 2.048V
225
310
VREF = 2.5V
240
330
VREF = 4.096V
300
410
Power-Down Mode Supply
Current (DAC Powered Down,
Reference Remains Active)
(Note 9)
IDD
Internal reference,
reference pin driven
VREF = 2.048V
90
135
F
A
VREF = 2.5V
93
135
VREF = 4.096V
100
150
Power-Down Mode Supply
Current (Note 9)
IPD
External reference, VDD = VREF
0.4
2
F
A
Digital Supply Current (Note 9)
IDDIO
1.0
F
A
DIGITAL INPUT CHARACTERISTICS (SCL, SDA, ADDR, AUX, LDAC)
Input High Voltage
VIH
2.2V < VDDIO < 5.5V
0.7 x
VDDIO
V
1.8V < VDDIO < 2.2V
0.8 x
VDDIO
Input Low Voltage
VIL
2.2V < VDDIO < 5.5V
0.3 x
VDDIO
V
1.8V < VDDIO < 2.2V
0.2 x
VDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com