Electronic Components Datasheet Search
  English  ▼

X  

MAX5804 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5804
Description  Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5804 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5804 Datasheet HTML 10Page - Maxim Integrated Products MAX5804 Datasheet HTML 11Page - Maxim Integrated Products MAX5804 Datasheet HTML 12Page - Maxim Integrated Products MAX5804 Datasheet HTML 13Page - Maxim Integrated Products MAX5804 Datasheet HTML 14Page - Maxim Integrated Products MAX5804 Datasheet HTML 15Page - Maxim Integrated Products MAX5804 Datasheet HTML 16Page - Maxim Integrated Products MAX5804 Datasheet HTML 17Page - Maxim Integrated Products MAX5804 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
MAX5803/MAX5804/MAX5805
Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output
Voltage DACs with Internal Reference and I2C Interface
14
Maxim Integrated
Pin Configurations
Pin Description
PIN
NAME
FUNCTION
1
AUX
Active-Low Auxilliary Asynchronous Input. User Configurable, see Table 7.
2
LDAC
Dedicated Active-Low Asynchronous Load DAC
3
ADDR
I2C Interface Address Selection
4
SCL
I2C Interface Clock Input
5
SDA
I2C Bidirectional Serial Data
6
VDDIO
Digital Interface Power-Supply Input
7
VDD
Supply Voltage Input. Bypass VDD with a 0.1FF capacitor to GND.
8
GND
Ground
9
OUT
Buffered DAC Output
10
REF
Reference Voltage Input/Output
—
EP
Exposed Pad (TDFN Only). Connect to ground.
MAX5803
MAX5804
MAX5805
MAX5803
MAX5804
MAX5805
REF
OUT
GND
VDD
SCL
ADDR
LDAC
AUX
VDDIO
SDA
*CONNECTED TO GND
TOP VIEW
1
3
4
REF
GND
VDDIO
VDD
2
OUT
AUX
ADDR
*EP
SCL
LDAC
TDFN
5
SDA
10
8
7
9
6
µMAX
+
1
4
5
2
3
10
9
8
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com