Electronic Components Datasheet Search
  English  ▼

X  

L9952GXP Datasheet(PDF) 67 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 60Page - STMicroelectronics L9952GXP Datasheet HTML 61Page - STMicroelectronics L9952GXP Datasheet HTML 62Page - STMicroelectronics L9952GXP Datasheet HTML 63Page - STMicroelectronics L9952GXP Datasheet HTML 64Page - STMicroelectronics L9952GXP Datasheet HTML 65Page - STMicroelectronics L9952GXP Datasheet HTML 66Page - STMicroelectronics L9952GXP Datasheet HTML 67Page - STMicroelectronics L9952GXP Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
L9952GXP
Revision history
Doc ID 13518 Rev 5
67/68
10
Revision history
Table 61.
Document revision history
Date
Revision
Changes
24-Aug-2007
1
Initial release.
07-Sep-2007
2
Table 18: High side outputs (OUT 1..4): modified openload detection
current 1 parameter value (item 7.8.13).
Table 20: Wake up inputs(WU1...WU4): modified Input current in
standby mode test condition (item 7.10.5).
Table 22: LIN receiver: modified symmetry of transmitter propagation
delay time parameter value (item 7.12.24).
Added Section 9.3: PowerSSO-36 packing information.
21-Sep-2007
3
Section 7.2: Oscillator: changed Vs minimum value from 7 to 6 V.
Table 10: Supply and supply monitoring:
– changed parameter 7.1.10 (IV(BATWU)) max value from 300 to 320 µA
– changed parameter 7.1.11 (IV(BATWU)) max value from 380 to 410 µA.
11-Apr-2008
4
Modified Figure 4.: Watchdog
Modified Section 2.13: Low side driver outputs Rel1, Rel2.
Added note to Section 2.2.2: Flash mode.
Section Table 48.: Control register 2: changed definition to VS Lock Out
parameter.
Added Section 6.3: Package and PCB thermal data.
Modified Section 7.14.3: Input PWM 2 Vth for flash mode.
Table 42: Control register 1: modified "pull down" settings for the wake-
up inputs WU1..4 .
08-Jul-2009
5
Table 60: PowerSSO-36 mechanical data:
– Deleted A (min) value
– Changed A (max) value from 2.47 to 2.45
– Changed A2 (max) value from 2.40 to 2.35
– Changed a1 (max) value from 0.075 to 0.1
– Added k row
– Changed G (max) value from 0.075 to 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com