Electronic Components Datasheet Search
  English  ▼

X  

L9952GXP Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 21Page - STMicroelectronics L9952GXP Datasheet HTML 22Page - STMicroelectronics L9952GXP Datasheet HTML 23Page - STMicroelectronics L9952GXP Datasheet HTML 24Page - STMicroelectronics L9952GXP Datasheet HTML 25Page - STMicroelectronics L9952GXP Datasheet HTML 26Page - STMicroelectronics L9952GXP Datasheet HTML 27Page - STMicroelectronics L9952GXP Datasheet HTML 28Page - STMicroelectronics L9952GXP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
L9952GXP
Protection and diagnosis
Doc ID 13518 Rev 5
25/68
3
Protection and diagnosis
3.1
Power supply fail
Over and under-voltage detection on Vs.
3.1.1
Over voltage
If the supply voltage Vs reaches the over voltage threshold (VSOV)
The outputs HS1..4, OUT_HS, Rel1,2, and LIN are switched to high impedance state
(load protection)
The over voltage bit is set and can be cleared with the clear bit (CR1,CLR)
Automatic recovery after Vs over-voltage; selectable via SPI (CR2, bit4)
3.1.2
Under voltage
If the supply voltage Vs drops below the under voltage threshold voltage(VSUV)
The outputs HS1..4, OUTHS, Rel1,2, and LIN are switched to high impedance state
(load protection)
The under voltage bit is set
Automatic recovery after Vs under-voltage; selectable via SPI (CR2, bit4)
3.2
Temperature warning and thermal shutdown
See state chart: “ Protection and diagnosis”.
3.3
SPI diagnosis
Digital diagnosis features are provided by SPI:
V1 reset threshold programmable
Over temperature including pre warning
Open load separately for each output stage
Overload status
Vs-supply over/under voltage
V1 and V2 fail bit
Status of the WU1...4, LIN and INH pin
Cold start bit
Number of unsuccessful V1 restarts after thermal shutdown
Number of sequential watchdog failures
Status of watchdog trigger bit TRIG: (SR1, Bit 16)
LIN status (short to ground, short to VBAT, dominant TxD)
See the following state chart: “Protection and diagnosis”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com