Electronic Components Datasheet Search
  English  ▼

X  

L9952GXP Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 38Page - STMicroelectronics L9952GXP Datasheet HTML 39Page - STMicroelectronics L9952GXP Datasheet HTML 40Page - STMicroelectronics L9952GXP Datasheet HTML 41Page - STMicroelectronics L9952GXP Datasheet HTML 42Page - STMicroelectronics L9952GXP Datasheet HTML 43Page - STMicroelectronics L9952GXP Datasheet HTML 44Page - STMicroelectronics L9952GXP Datasheet HTML 45Page - STMicroelectronics L9952GXP Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
Electrical characteristics
L9952GXP
42/68
Doc ID 13518 Rev 5
7.11
Wake up input (INH)
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin. 6V < VS < 18V; Tj = -40 to 130 °C, unless otherwise specified.
7.12
LIN
Compatible to Lin 2.1 for Baud rates up to 20 kBit/s
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin.
6V < VS < 18V; 4.8V < V1 < 5.2V; Tj = -40°C...130°C, unless otherwise specified.
Table 21.
Wake up input (INH)
Item
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
7.11.1
IINHth
Wake-up activate
threshold current
30
75
120
µA
7.11.2
IINHUth
Wake-up passive
threshold current
30
70
120
µA
7.11.3
IINHhys
Wake-up current
hysteresis
10
20
µA
7.11.4
tWU
Minimum time for wake-up
51
64
77
µs
7.11.5
Nn
Number of samples
During OUT_HS
on, cyclic sense
mode (100µs cyclic
HS on time)
2 (at 80us and
100us)
Table 22.
LIN receiver
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
LIN
LIN receiver
7.12.1
VTXDLOW
Input voltage
dominant level
Normal mode, V1=5V
1
1.3
V
7.12.2
VTXDHIGH
Input voltage
recessive level
Normal mode, V1=5V
2.2
2.5
V
7.12.3
VTXDHYS
VTXDHIGH -
VTXDLOW
Normal mode, V1=5V
0.5
0.8
V
7.12.4
ITXDPU
TXD pull up
current
Normal and
V1-standby mode ,
V1=5V
-5
-30
-60
µA
7.12.5
ITXDPD
TXD pull-down
current
VBAT - standby mode,
VTXDHIGH
V1=5V
530
60
µA
7.12.6
VRXDLOW
Output voltage
dominant level
Normal mode, V1=5V,
2mA
0.2
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com