Electronic Components Datasheet Search
  English  ▼

X  

FDMS8026S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FDMS8026S
Description  Advanced package and Silicon combination for low rDS(on) and high efficiency
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FDMS8026S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FDMS8026S Datasheet HTML 1Page - List of Unclassifed Manufacturers FDMS8026S Datasheet HTML 2Page - List of Unclassifed Manufacturers FDMS8026S Datasheet HTML 3Page - List of Unclassifed Manufacturers FDMS8026S Datasheet HTML 4Page - List of Unclassifed Manufacturers FDMS8026S Datasheet HTML 5Page - List of Unclassifed Manufacturers FDMS8026S Datasheet HTML 6Page - List of Unclassifed Manufacturers FDMS8026S Datasheet HTML 7Page - List of Unclassifed Manufacturers FDMS8026S Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
©2010 Fairchild Semiconductor Corporation
FDMS8026S Rev.C1
Figure 7.
0
5
10
15
20
25
30
0
2
4
6
8
10
ID = 19 A
VDD = 20 V
VDD = 10 V
Qg, GATE CHARGE (nC)
VDD = 15 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
40
100
1000
3000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
30
Capacitance vs Drain
to Source Voltage
Figure9.
0.001
0.01
0.1
1
10
40
1
10
40
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
20
40
60
80
100
VGS = 4.5 V
Limited by Package
RθJC = 3.0
o
C/W
VGS = 10 V
T
C,
CASE TEMPERATURE
(
o
C
)
Maximum Continuous Drain
Current vs Case Temperature
Figure 11. Forward Bias Safe
Operating Area
0.01
0.1
1
10
100200
0.01
0.1
1
10
100
200
1 s
100 μs
10 ms
DC
10 s
100 ms
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
Figure 12.
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.5
1
10
100
1000
2000
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
t, PULSE WIDTH (sec)
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25°C unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com