Electronic Components Datasheet Search
  English  ▼

X  

FDMS8026S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FDMS8026S
Description  Advanced package and Silicon combination for low rDS(on) and high efficiency
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FDMS8026S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FDMS8026S Datasheet HTML 1Page - List of Unclassifed Manufacturers FDMS8026S Datasheet HTML 2Page - List of Unclassifed Manufacturers FDMS8026S Datasheet HTML 3Page - List of Unclassifed Manufacturers FDMS8026S Datasheet HTML 4Page - List of Unclassifed Manufacturers FDMS8026S Datasheet HTML 5Page - List of Unclassifed Manufacturers FDMS8026S Datasheet HTML 6Page - List of Unclassifed Manufacturers FDMS8026S Datasheet HTML 7Page - List of Unclassifed Manufacturers FDMS8026S Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
August 2010
©2010 Fairchild Semiconductor Corporation
FDMS8026S Rev.C1
www.fairchildsemi.com
1
FDMS8026S
N-Channel PowerTrench® SyncFETTM
30 V, 22 A, 4.3 m
Ω
Features
Max rDS(on) = 4.3 mΩ at VGS = 10 V, ID = 19 A
Max rDS(on) = 5.2 mΩ at VGS = 4.5 V, ID = 17 A
Advanced package and Silicon combination for low rDS(on)
and high efficiency
SyncFET Schottky Body Diode
MSL1 robust package design
100% UIL tested
RoHS Compliant
General Description
The FDMS8026S has been designed to minimize losses in
power conversion application. Advancements in both silicon and
package technologies have been combined to offer the lowest
rDS(on) while maintaining excellent switching performance.This
device has the added benefit of an efficient monolithic Schottky
body diode.
Applications
Synchronous Rectifier for DC/DC Converters
Notebook Vcore/GPU low side switch
Networking Point of Load low side switch
Telecom secondary side rectification
4
3
2
1
5
6
7
8
Power 56
D
D
D
D
S
S
S
G
D
D
D
D
G
S
S
S
Pin 1
Bottom
Top
MOSFET Maximum Ratings T
A= 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
(Note 4)
±20
V
ID
Drain Current -Continuous (Package limited)
TC = 25°C
22
A
-Continuous (Silicon limited)
TC = 25°C
80
-Continuous
TA = 25°C
(Note 1a)
19
-Pulsed
100
EAS
Single Pulse Avalanche Energy
(Note 3)
33
mJ
PD
Power Dissipation
TC = 25°C
41
W
Power Dissipation
TA = 25°C
(Note 1a)
2.5
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
3.0
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMS8026S
FDMS8026S
Power 56
13 ’’
12 mm
3000 units


Similar Part No. - FDMS8026S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
FDMS8023S FAIRCHILD-FDMS8023S Datasheet
265Kb / 8P
N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 2.4 m廓
FDMS8025S FAIRCHILD-FDMS8025S Datasheet
286Kb / 8P
N-Channel PowerTrench짰 SyncFETTM
FDMS8027S FAIRCHILD-FDMS8027S Datasheet
292Kb / 8P
N-Channel PowerTrench짰 SyncFETTM 30 V, 22 A, 5.0 m廓
More results

Similar Description - FDMS8026S

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM1535CE ANALOGPOWER-AM1535CE Datasheet
101Kb / 3P
Low rDS(on) provides higher efficiency and extends battery life
logo
Bruckewell Technology L...
MS35C31 BWTECH-MS35C31 Datasheet
269Kb / 4P
Low rDS(on) provides higher efficiency and extends
MS39P93 BWTECH-MS39P93 Datasheet
463Kb / 6P
Low rDS(on) provides higher efficiency and extends
MS48N40 BWTECH-MS48N40 Datasheet
275Kb / 4P
Low rDS(on) provides higher efficiency and extends
MS49N20 BWTECH-MS49N20 Datasheet
460Kb / 6P
Low rDS(on) Provides Higher Efficiency and Extends
MSQ7434N BWTECH-MSQ7434N Datasheet
638Kb / 3P
Low rDS(on) provides higher efficiency and
logo
Kersemi Electronic Co.,...
KSM4N65 KERSEMI-KSM4N65 Datasheet
708Kb / 4P
Advanced high cell denity trench technology for ultra RDS(ON)
KSM2304 KERSEMI-KSM2304 Datasheet
284Kb / 4P
Advanced high cell denity trench technology for ultra RDS(ON)
KSM2307 KERSEMI-KSM2307 Datasheet
271Kb / 4P
Advanced high cell denity trench technology for ultra RDS(ON)
KSM2807 KERSEMI-KSM2807 Datasheet
648Kb / 4P
Advanced high cell denity trench technology for ultra RDS(ON)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com