Electronic Components Datasheet Search
  English  ▼

X  

MPC9446AC Datasheet(PDF) 2 Page - Integrated Device Technology

Part # MPC9446AC
Description  3.3V and 2.5V, LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9446AC Datasheet(HTML) 2 Page - Integrated Device Technology

  MPC9446AC Datasheet HTML 1Page - Integrated Device Technology MPC9446AC Datasheet HTML 2Page - Integrated Device Technology MPC9446AC Datasheet HTML 3Page - Integrated Device Technology MPC9446AC Datasheet HTML 4Page - Integrated Device Technology MPC9446AC Datasheet HTML 5Page - Integrated Device Technology MPC9446AC Datasheet HTML 6Page - Integrated Device Technology MPC9446AC Datasheet HTML 7Page - Integrated Device Technology MPC9446AC Datasheet HTML 8Page - Integrated Device Technology MPC9446AC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPC9446 REVISION 5 DECEMBER 21, 2012
2
©2012 Integrated Device Technology, Inc.
MPC9446 Data Sheet
3.3V AND 2.5V LVCMOS CLOCK FANOUT BUFFER
Figure 1. MPC9446 Logic Diagram
Figure 2. Pinout: 32-Lead Package Pinout (Top View)
0
1
0
1
0
1
0
1
CLK
 2
CLK
MR/OE
CCLK0
CCLK1
FSELA
FSELB
FSELC
CCLK_SEL
QA0
QA1
QA2
QB0
QB1
QB2
QC0
QC1
QC2
QC3
Bank A
Bank B
Bank C
25k
25k
25k
25k
25k
25k
25k
VCC
VCC
VCCA
QA2
GND
QA1
VCCA
QA0
GND
QC3
GND
QC2
VCCC
QC1
GND
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
3
4
5
6
78
24
23
22
21
20
19
18
17
16
MPC9446
VCCB is internally connected to VCC
QC0
VCCC
MR/OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com