Electronic Components Datasheet Search
  English  ▼

X  

MPC9446AC Datasheet(PDF) 7 Page - Integrated Device Technology

Part # MPC9446AC
Description  3.3V and 2.5V, LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9446AC Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button MPC9446AC Datasheet HTML 3Page - Integrated Device Technology MPC9446AC Datasheet HTML 4Page - Integrated Device Technology MPC9446AC Datasheet HTML 5Page - Integrated Device Technology MPC9446AC Datasheet HTML 6Page - Integrated Device Technology MPC9446AC Datasheet HTML 7Page - Integrated Device Technology MPC9446AC Datasheet HTML 8Page - Integrated Device Technology MPC9446AC Datasheet HTML 9Page - Integrated Device Technology MPC9446AC Datasheet HTML 10Page - Integrated Device Technology MPC9446AC Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MPC9446 REVISION 5 DECEMBER 21, 2012
7
©2012 Integrated Device Technology, Inc.
MPC9446 Data Sheet
3.3V AND 2.5V LVCMOS CLOCK FANOUT BUFFER
Figure 6. CCLK0, 1 MPC9446 AC Test Reference for VCC = 3.3 V and VCC = 2.5 V
Figure 7. Output Transition Time Test Reference
Figure 8. Propagation Delay (tPD) Test Reference
Figure 9. Output-to-Output Skew tSK(LH, HL)
Figure 10. Output Pulse Skew (tSK(P)) Test Reference
Figure 11. Output Duty Cycle (DC)
Pulse
Generator
Z = 50
RT = 50
ZO = 50
RT = 50
ZO = 50 
MPC9446 DUT
VTT
VTT
VCC = 3.3V VCC = 2.5V
2.4
1.8V
0.55
0.6V
tF
tR
t(LH)
VCC
VCC2
GND
VCC
VCC2
GND
CCLK
Qx
t(HL)
The pin-to-pin skew is defined as the worst case difference
in propagation delay between any two similar delay paths
within a single device.
VCC
VCC2
GND
VCC
VCC2
GND
tSK(LH)
tSK(HL)
VCC
VCC2
GND
VCC
VCC2
GND
t(LH)
CCLK
QX
t(HL)
tSK(P) = | tPLH – tPHL |
The time from the PLL controlled edge to the non controlled
edge, divided by the time between PLL controlled edges,
expressed as a percentage.
VCC
VCC2
GND
tP
T0
DC = tP/T0 x 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com