Electronic Components Datasheet Search
  English  ▼

X  

MPC9446AC Datasheet(PDF) 10 Page - Integrated Device Technology

Part # MPC9446AC
Description  3.3V and 2.5V, LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9446AC Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button MPC9446AC Datasheet HTML 4Page - Integrated Device Technology MPC9446AC Datasheet HTML 5Page - Integrated Device Technology MPC9446AC Datasheet HTML 6Page - Integrated Device Technology MPC9446AC Datasheet HTML 7Page - Integrated Device Technology MPC9446AC Datasheet HTML 8Page - Integrated Device Technology MPC9446AC Datasheet HTML 9Page - Integrated Device Technology MPC9446AC Datasheet HTML 10Page - Integrated Device Technology MPC9446AC Datasheet HTML 11Page - Integrated Device Technology MPC9446AC Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MPC9446 REVISION 5 DECEMBER 21, 2012
10
©2012 Integrated Device Technology, Inc.
MPC9446 Data Sheet
3.3V AND 2.5V LVCMOS CLOCK FANOUT BUFFER
PACKAGE DIMENSIONS
CASE 873A-04
ISSUE C
32-LEAD LQFP PACKAGE
PAGE 3 OF 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com