Electronic Components Datasheet Search
  English  ▼

X  

MPC9446AC Datasheet(PDF) 5 Page - Integrated Device Technology

Part # MPC9446AC
Description  3.3V and 2.5V, LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9446AC Datasheet(HTML) 5 Page - Integrated Device Technology

  MPC9446AC Datasheet HTML 1Page - Integrated Device Technology MPC9446AC Datasheet HTML 2Page - Integrated Device Technology MPC9446AC Datasheet HTML 3Page - Integrated Device Technology MPC9446AC Datasheet HTML 4Page - Integrated Device Technology MPC9446AC Datasheet HTML 5Page - Integrated Device Technology MPC9446AC Datasheet HTML 6Page - Integrated Device Technology MPC9446AC Datasheet HTML 7Page - Integrated Device Technology MPC9446AC Datasheet HTML 8Page - Integrated Device Technology MPC9446AC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MPC9446 REVISION 5 DECEMBER 21, 2012
5
©2012 Integrated Device Technology, Inc.
MPC9446 Data Sheet
3.3V AND 2.5V LVCMOS CLOCK FANOUT BUFFER
Table 8. DC Characteristics (VCC = VCCA = VCCB = VCCC = 2.5 V ± 5%, TA = –40°C to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
1.7
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
–0.3
0.7
V
LVCMOS
VOH
Output High Voltage
1.8
V
IOH = –15 mA(1)
1. The MPC9446 is capable of driving 50
 transmission lines on the incident edge. Each output drives one 50  parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50  series terminated transmission lines per
output.
VOL
Output Low Voltage
0.6
V
IOL = 15 mA
ZOUT
Output Impedance
17 – 20(2)
2. Input pull-up / pull-down resistors influence input current.
IIN
Input Current(2)
200
A
VIN = GND or VIN = VCC
ICCQ(3)
3. ICCQ is the DC current consumption of the device with all outputs open and the input in its default state or open.
Maximum Quiescent Supply Current
2.0
mA
All VCC Pins
Table 9. AC Characteristics (VCC = VCCA = VCCB = VCCC = 2.5 V ± 5%, TA = –40°C to +85°C)(1)
1. AC characteristics apply for parallel output termination of 50
 to VTT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
0
250(2)
2. The MPC9446 is functional up to an input and output clock frequency of 350 MHz and is characterized up to 250 MHz.
MHz
fMAX
Maximum Output Frequency
1 output
2 output
0
0
250(2)
125
MHz
MHz
FSELx = 0
FSELx = 1
tP, REF
Reference Input Pulse Width
1.4
ns
tr, tf
CCLK Input Rise/Fall Time
1.0(3)
3. Violation of the 1.0 ns maximum input rise and fall time limit will affect the device propagation delay, device-to-device skew, reference input
pulse width, output duty cycle and maximum frequency specifications.
ns
0.7 to 1.7 V
tPLH
tPHL
Propagation Delay
CCLK0,1 to any Q
CCLK0,1 to any Q
2.6
2.6
5.6
5.5
ns
ns
tPLZ, HZ Output Disable Time
10
ns
tPZL, LZ Output Enable Time
10
ns
tsk(O)
Output-to-Output Skew
Within one bank
Any output bank, same output divider
Any output, Any output divider
150
200
350
ps
ps
ps
tsk(PP)
Device-to-Device Skew
3.0
ns
tSK(P)
DCQ
Output Pulse Skew(4)
Output Duty Cycle
1 or 2 output
4. Output pulse skew tSK(P) is the absolute difference of the propagation delay times: | tPLH – tPHL |. Output duty cycle is frequency
dependent: DCQ = (0.5 ± tSK(P) • fOUT). For example at fOUT = 125 MHz the output duty cycle limit is 50% ± 2.5%.
45
50
200
55
ps
%
DCREF = 50%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
0.6 to 1.8 V
Table 10. AC Characteristics (VCC = 3.3 V + 5%, VCCA, VCCB, VCCC = 2.5 V + 5% or 3.3 V + 5%, TA = –40°C to +85°C)(1) (2)
1. AC characteristics apply for parallel output termination of 50
 to VTT.
2. For all other AC specifications, refer to 2.5 V or 3.3 V tables according to the supply voltage of the output bank.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
tsk(O)
Output-to-Output Skew
Within one bank
Any output bank, same output divider
Any output, Any output divider
150
250
350
ps
ps
ps
tsk(PP)
Device-to-Device Skew
2.5
ns
tPLH,HL Propagation Delay
CCLK0,1 to any Q
See 3.3 V Table
tSK(P)
DCQ
Output Pulse Skew(3)
Output Duty Cycle
1 or 2 output
3. Output pulse skew tSK(P) is the absolute difference of the propagation delay times: | tPLH – tPHL |. Output duty cycle is frequency
dependent: DCQ = (0.5 ± tSK(P) • fOUT).
45
50
250
55
ps
%
DCREF = 50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com