Electronic Components Datasheet Search
  English  ▼

X  

AD8655 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8655
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8655 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8655 Datasheet HTML 10Page - Analog Devices AD8655 Datasheet HTML 11Page - Analog Devices AD8655 Datasheet HTML 12Page - Analog Devices AD8655 Datasheet HTML 13Page - Analog Devices AD8655 Datasheet HTML 14Page - Analog Devices AD8655 Datasheet HTML 15Page - Analog Devices AD8655 Datasheet HTML 16Page - Analog Devices AD8655 Datasheet HTML 17Page - Analog Devices AD8655 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7685
Rev. C | Page 14 of 28
Transfer Functions
The ideal transfer characteristic for the AD7685 is shown in
Figure 26 and Table 8.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FS – 1.5 LSB
+FS – 1 LSB
–FS + 1 LSB
–FS
–FS + 0.5 LSB
Figure 26. ADC Ideal Transfer Function
TYPICAL CONNECTION DIAGRAM
Figure 27 shows an example of the recommended connection
diagram for the AD7685 when multiple supplies are available.
AD7685
REF
GND
VDD
IN–
IN+
VIO
SDI
SCK
SDO
CNV
3- OR 4-WIRE INTERFACE5
100nF
100nF
5V
10µF2
≥7V
≥7V
≤–2V
1.8V TO VDD
REF1
0 TO VREF
33Ω
2.7nF
3
4
NOTES
1. SEE VOLTAGE REFERENCE INPUT SECTION FOR REFERENCE SELECTION.
2. CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X5R).
3. SEE DRIVER AMPLIFIER CHOICE SECTION.
4. OPTIONAL FILTER. SEE ANALOG INPUT SECTION.
5. SEE DIGITAL INTERFACE FOR MOST CONVENIENT INTERFACE MODE.
Figure 27. Typical Application Diagram with Multiple Supplies
Table 8. Output Codes and Ideal Input Voltages
Description
Analog Input VREF = 5 V
Digital Output Code Hexa
FSR – 1 LSB
4.999924 V
FFFF1
Midscale + 1 LSB
2.500076 V
8001
Midscale
2.5 V
8000
Midscale – 1 LSB
2.499924 V
7FFF
–FSR + 1 LSB
76.3 μV
0001
–FSR
0 V
00002
1 This is also the code for an overranged analog input (VIN+ − VIN− above VREF − VGND).
2 This is also the code for an underranged analog input (VIN+ − VIN− below VGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com