| Electronic Components Datasheet Search |
|
AD8655 Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8655 Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 28 page ![]() AD7685 Rev. C | Page 20 of 28 CS MODE 4-WIRE, NO BUSY INDICATOR This mode is usually used when multiple AD7685s are connected to an SPI-compatible digital host. A connection diagram example using two AD7685s is shown in Figure 38, and the corresponding timing is given in Figure 39. With SDI high, a rising edge on CNV initiates a conversion, selects the CS mode, and forces SDO to high impedance. In this mode, CNV must be held high during the conversion phase and the subsequent data readback (if SDI and CNV are low, SDO is driven low). Prior to the minimum conversion time, SDI could be used to select other SPI devices, such as analog multiplexers, but SDI must be returned high before the minimum conversion time and held high until the maximum conversion time to avoid the generation of the BUSY signal indicator. When the conversion is complete, the AD7685 enters the acquisition phase and powers down. Each ADC result can be read by bringing low its SDI input, which consequently outputs the MSB onto SDO. The remaining data bits are then clocked by subsequent SCK falling edges. The data is valid on both SCK edges. Although the rising edge can be used to capture the data, a digital host using the SCK falling edge will allow a faster reading rate, provided it has an acceptable hold time. After the 16th SCK falling edge, or when SDI goes high, whichever is earlier, SDO returns to high impedance and another AD7685 can be read. If multiple AD7685s are selected at the same time, the SDO output pin handles this contention without damage or induced latch-up. Meanwhile, it is recommended to keep this contention as short as possible to limit extra power dissipation. DATA IN CLK CS1 CONVERT CS2 DIGITAL HOST CNV SCK SDO SDI AD7685 CNV SCK SDO SDI AD7685 Figure 38. CS Mode 4-Wire, No BUSY Indicator Connection Diagram SDO D15 D14 D13 D1 D0 tDIS SCK 12 3 30 31 32 tHSDO tDSDO tEN CONVERSION ACQUISITION tCONV tCYC tACQ ACQUISITION SDI(CS1) CNV tSSDICNV tHSDICNV D1 14 15 tSCK tSCKL tSCKH D0 D15 D14 17 18 16 SDI(CS2) Figure 39. CS Mode 4-Wire, No BUSY Indicator Serial Interface Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |