Electronic Components Datasheet Search
  English  ▼

X  

AD8655 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8655
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8655 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8655 Datasheet HTML 20Page - Analog Devices AD8655 Datasheet HTML 21Page - Analog Devices AD8655 Datasheet HTML 22Page - Analog Devices AD8655 Datasheet HTML 23Page - Analog Devices AD8655 Datasheet HTML 24Page - Analog Devices AD8655 Datasheet HTML 25Page - Analog Devices AD8655 Datasheet HTML 26Page - Analog Devices AD8655 Datasheet HTML 27Page - Analog Devices AD8655 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD7685
Rev. C | Page 27 of 28
ORDERING GUIDE
Model1
Notes
Integral
Nonlinearity
No Missing
Code
Temperature
Range
Package
Description
Package
Option
Branding
Ordering
Quantity
AD7685ACPZRL
±6 LSB max
15 Bits
–40°C to +85°C
10-Lead QFN
(LFCSP_WD)
CP-10-9
C4H
Reel,
5,000
AD7685ACPZRL7
±6 LSB max
15 Bits
–40°C to +85°C
10-Lead QFN
(LFCSP_WD)
CP-10-9
C4H
Reel,
1,500
AD7685ARMZ
±6 LSB max
15 Bits
–40°C to +85°C
10-Lead MSOP
RM-10
C4H
Tube, 50
AD7685ARMZRL7
±6 LSB max
15 Bits
–40°C to +85°C
10-Lead MSOP
RM-10
C4H
Reel,
1,000
AD7685BCPZRL
±3 LSB max
16 Bits
–40°C to +85°C
10-Lead QFN
(LFCSP_WD)
CP-10-9
C3D
Reel,
5,000
AD7685BCPZRL7
±3 LSB max
16 Bits
–40°C to +85°C
10-Lead QFN
(LFCSP_WD)
CP-10-9
C3D
Reel,
1,500
AD7685BRMZ
±3 LSB max
16 Bits
–40°C to +85°C
10-Lead MSOP
RM-10
C3D
Tube, 50
AD7685BRMZRL7
±3 LSB max
16 Bits
–40°C to +85°C
10-Lead MSOP
RM-10
C3D
Reel,
1,000
AD7685CCPZRL
±2 LSB max
16 Bits
–40°C to +85°C
10-Lead QFN
(LFCSP_WD)
CP-10-9
C4J
Reel,
5,000
AD7685CCPZRL7
±2 LSB max
16 Bits
–40°C to +85°C
10-Lead QFN
(LFCSP_WD)
CP-10-9
C4J
Reel,
1,500
AD7685CRMZ
±2 LSB max
16 Bits
–40°C to +85°C
10-Lead MSOP
RM-10
C4J
Tube, 50
AD7685CRMZRL7
±2 LSB max
16 Bits
–40°C to +85°C
10-Lead MSOP
RM-10
C4J
Reel,
1,000
EVAL-AD7685CBZ
2
Evaluation Board
EVAL-CONTROL BRD2Z
3
Controller Board
EVAL-CONTROL BRD3Z
3
Controller Board
1 Z = RoHS Compliant Part.
2 This board can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BRDx for evaluation/demonstration purposes.
3 These boards allow a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com