Electronic Components Datasheet Search
  English  ▼

X  

AD8655 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8655
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8655 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8655 Datasheet HTML 15Page - Analog Devices AD8655 Datasheet HTML 16Page - Analog Devices AD8655 Datasheet HTML 17Page - Analog Devices AD8655 Datasheet HTML 18Page - Analog Devices AD8655 Datasheet HTML 19Page - Analog Devices AD8655 Datasheet HTML 20Page - Analog Devices AD8655 Datasheet HTML 21Page - Analog Devices AD8655 Datasheet HTML 22Page - Analog Devices AD8655 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD7685
Rev. C | Page 19 of 28
CS MODE 3-WIRE WITH BUSY INDICATOR
This mode is usually used when a single AD7685 is connected
to an SPI-compatible digital host having an interrupt input.
The connection diagram is shown in Figure 36, and the
corresponding timing is given in Figure 37.
With SDI tied to VIO, a rising edge on CNV initiates a
conversion, selects the CS mode, and forces SDO to high
impedance. SDO is maintained in high impedance until the
completion of the conversion irrespective of the state of CNV.
Prior to the minimum conversion time, CNV could be used to
select other SPI devices, such as analog multiplexers, but CNV
must be returned low before the minimum conversion time and
held low until the maximum conversion time to guarantee the
generation of the BUSY signal indicator. When the conversion
is complete, SDO goes from high impedance to low. With a
pull-up on the SDO line, this transition can be used as an
interrupt signal to initiate the data reading controlled by the
digital host. The AD7685 then enters the acquisition phase and
powers down. The data bits are then clocked out, MSB first, by
subsequent SCK falling edges. The data is valid on both SCK
edges. Although the rising edge can be used to capture the data,
a digital host using the SCK falling edge will allow a faster reading
rate provided it has an acceptable hold time. After the optional
17th SCK falling edge, or when CNV goes high, whichever is
earlier, SDO returns to high impedance.
DATA IN
IRQ
CLK
CONVERT
VIO
DIGITAL HOST
47kΩ
CNV
SCK
SDO
SDI
VIO
AD7685
Figure 36. CS Mode 3-Wire with BUSY Indicator
Connection Diagram (SDI High)
SDO
D15
D14
D1
D0
tDIS
SCK
1
2
3
15
16
17
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
CNV
CONVERSION
ACQUISITION
tCONV
tCYC
tCNVH
tACQ
ACQUISITION
SDI = 1
Figure 37. CS Mode 3-Wire with BUSY Indicator Serial Interface Timing (SDI High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com