Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD5063EB Datasheet(PDF) 18 Page - Analog Devices

Part # EVAL-AD5063EB
Description  Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5063EB Datasheet(HTML) 18 Page - Analog Devices

Back Button EVAL-AD5063EB Datasheet HTML 12Page - Analog Devices EVAL-AD5063EB Datasheet HTML 13Page - Analog Devices EVAL-AD5063EB Datasheet HTML 14Page - Analog Devices EVAL-AD5063EB Datasheet HTML 15Page - Analog Devices EVAL-AD5063EB Datasheet HTML 16Page - Analog Devices EVAL-AD5063EB Datasheet HTML 17Page - Analog Devices EVAL-AD5063EB Datasheet HTML 18Page - Analog Devices EVAL-AD5063EB Datasheet HTML 19Page - Analog Devices EVAL-AD5063EB Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5063
Rev. C | Page 18 of
20
COMPLIANT TO JEDEC STANDARDS MO-187-BA
OUTLINE DIMENSIONS
0.23
0.08
0.80
0.60
0.40
8°
0°
0.15
0.05
0.33
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
3.10
3.00
2.90
PIN 1
5.15
4.90
4.65
3.10
3.00
2.90
COPLANARITY
0.10
Figure 39. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
INL
Settling Time
Package Description
Package Option
Branding
AD5063BRMZ1
−40°C to +85°C
1 LSB
4 μs typ
10-Lead MSOP
RM-10
D49
AD5063BRMZ-REEL71
−40°C to +85°C
1 LSB
4 μs typ
10-Lead MSOP
RM-10
D49
AD5063BRMZ-11
−40°C to +85°C
1 LSB
1 μs max
10-Lead MSOP
RM-10
DCG
AD5063BRMZ-1-REEL71
−40°C to +85°C
1 LSB
1 μs max
10-Lead MSOP
RM-10
DCG
EVAL-AD5063EB
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com