Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 102Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 103Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 104Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 105Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 106Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 107Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 108Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 109Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 332 page
background image
System Integration Module (SIM)
Technical Data
MC68HC908JB16 — Rev. 1.1
106
System Integration Module (SIM)
Freescale Semiconductor
8.4.2.5 Low-Voltage Inhibit (LVI) Reset
The low-voltage inhibit module (LVI) asserts its output to the SIM when
the VDD or VREG voltage falls to the LVI reset voltage, VTRIP. The LVI bit
in the SIM reset status register (SRSR) is set, and the external reset pin
(RST) is held low while the SIM counter counts out 4096 OSCDCLK
cycles. Sixty-four OSCDCLK cycles later, the CPU is released from reset
to allow the reset vector sequence to occur. The SIM actively pulls down
the RST pin for all internal reset sources.
8.4.2.6 Universal Serial Bus (USB) Reset
The USB module will detect a reset signaled on the bus by the presence
of an extended SE0 at the USB data pins of a device. The MCU seeing
a single-ended 0 on its USB data inputs for more than 2.5
µs treats that
signal as a reset. After the reset is removed, the device will be in the
attached, but not yet addressed or configured, state (refer to Section 9.1
USB Devices of the Universal Serial Bus Specification Rev. 2.0). The
device must be able to accept the device address via a SET_ADDRESS
command (refer to Section 9.4 of the Universal Serial Bus Specification
Rev. 2.0) no later than 10ms after the reset is removed.
USB reset can be disabled to generate an internal reset. It can be
configured to generate IRQ interrupt. (See Section 5. Configuration
Register (CONFIG).)
NOTE:
USB reset is disabled when the USB module is disabled by clearing the
USBEN bit of the USB address register (UADDR).
8.4.2.7 Registers Values After Different Resets
Some registers are reset by POR or LVI reset only. Table 8-3 shows the
registers or register bits which are unaffected by normal resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com