Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 103Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 104Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 105Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 106Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 107Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 108Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 109Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 110Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 332 page
background image
System Integration Module (SIM)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
System Integration Module (SIM)
107
8.5 SIM Counter
The SIM counter is used by the power-on reset module (POR) and in
stop mode recovery to allow the oscillator time to stabilize before
enabling the internal bus (IBUS) clocks. The SIM counter also serves as
a prescaler for the computer operating properly module (COP). The SIM
counter uses 12 stages for counting, followed by a 13th stage that
triggers a reset of SIM counters and supplies the clock for the COP
module. The SIM counter is clocked by the falling edge of OSCDCLK.
8.5.1 SIM Counter During Power-On Reset
The power-on reset module (POR) detects power applied to the MCU.
At power-on, the POR circuit asserts the signal PORRST. Once the SIM
is initialized, it enables the oscillator to drive the bus clock state machine.
Table 8-3. Registers not Affected by Normal Reset
Bits
Registers
After Reset
(except POR or
LVI)
After POR or LVI
LVIDR, LVI5OR3,
URSTD, LVID
CONFIG
Unaffected
0
USBEN
UADDR
Unaffected
0
PULLEN
UCR3
Unaffected
0
All
USR0, USR1
Unaffected
Indeterminate
All
UE0D0–UE0D7
Unaffected
Indeterminate
All
UE1D0–UE1D7
Unaffected
Indeterminate
All
UE2D0–UE2D7
Unaffected
Indeterminate
All
PTA, PTC, PTD,
and PTE
Unaffected
Indeterminate
DDRA7
DDRA
Unaffected
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com