Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 106Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 107Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 108Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 109Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 110Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 111Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 112Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 113Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 332 page
background image
System Integration Module (SIM)
Technical Data
MC68HC908JB16 — Rev. 1.1
110
System Integration Module (SIM)
Freescale Semiconductor
Interrupts are latched and arbitration is performed in the SIM at the start
of interrupt processing. The arbitration result is a constant that the CPU
uses to determine which vector to fetch. Once an interrupt is latched by
the SIM, no other interrupt can take precedence, regardless of priority,
until the latched interrupt is serviced or the I bit is cleared.
At the beginning of an interrupt, the CPU saves the CPU register
contents on the stack and sets the interrupt mask (I bit) to prevent
additional interrupts. At the end of an interrupt, the RTI instruction
recovers the CPU register contents from the stack so that normal
processing can resume. Figure 8-9 shows interrupt entry timing. Figure
8-10 shows interrupt recovery timing.
Figure 8-9
. Interrupt Entry
Figure 8-10. Interrupt Recovery
MODULE
IDB
R/W
INTERRUPT
DUMMY
SP
SP – 1
SP – 2
SP – 3
SP – 4
VECT H
VECT L START ADDR
IAB
DUMMY
PC – 1[7:0] PC – 1[15:8]
X
A
CCR
V DATA H
V DATA L
OPCODE
I BIT
MODULE
IDB
R/W
INTERRUPT
SP – 4
SP – 3
SP – 2
SP – 1
SP
PC
PC + 1
IAB
CCR
A
X
PC – 1[15:8] PC – 1 [7:0] OPCODE
OPERAND
I BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com