Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 115Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 116Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 117Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 118Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 119Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 120Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 121Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 122Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 332 page
background image
System Integration Module (SIM)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
System Integration Module (SIM)
119
8.8.2 SIM Reset Status Register (SRSR)
This register contains seven flags that show the source of the last reset.
All flag bits are cleared automatically following a read of the register. The
register is initialized on power-up as shown with the POR bit set and all
other bits cleared. However, during a POR or any other internal reset,
the RST pin is pulled low. After the pin is released, it will be sampled 32
OSCDCLK cycles later. If the pin is not above a VIH at that time, then the
PIN bit in the SRSR may be set in addition to whatever other bits are set.
POR — Power-On Reset Bit
1 = Last reset caused by POR circuit
0 = Read of SRSR
;
;
;
This code works if the H register has been pushed onto the stack in the break
service routine software. This code should be executed at the end of the break
service routine software.
HIBYTE
EQU
5
LOBYTE
EQU
6
;
If not SBSW, do RTI
BRCLR
SBSW,SBSR, RETURN
;
;
See if wait mode or stop mode was exited by
break.
TST
LOBYTE,SP
;If RETURNLO is not zero,
BNE
DOLO
;then just decrement low byte.
DEC
HIBYTE,SP
;Else deal with high byte, too.
DOLO
DEC
LOBYTE,SP
;Point to WAIT/STOP opcode.
RETURN
PULH
RTI
;Restore H register.
Address:
$FE01
Bit 7
654321
Bit 0
Read:
POR
PIN
COP
ILOP
ILAD
USB
LVI
0
Write:
POR:
10000000
= Unimplemented
Figure 8-20. SIM Reset Status Register (SRSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com