Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 137Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 138Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 139Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 140Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 141Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 142Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 143Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 144Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 332 page
background image
Timer Interface Module (TIM)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Timer Interface Module (TIM)
141
Addr.
Register Name
Bit 7
654321
Bit 0
$000A
Timer 1 Status and Control
Register
(T1SC)
Read:
TOF
TOIE
TSTOP
00
PS2
PS1
PS0
Write:
0
TRST
Reset:
00100000
$000C
Timer 1 Counter
Register High
(T1CNTH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
00000000
$000D
Timer 1 Counter
Register Low
(T1CNTL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
$000E
Timer 1 Counter Modulo
Register High
(T1MODH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
11111111
$000F
Timer 1 Counter Modulo
Register Low
(T1MODL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
11111111
$0010
Timer 1 Channel 0 Status
and Control Register
(T1SC0)
Read:
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
TOV0
CH0MAX
Write:
0
Reset:
00000000
$0011
Timer 1 Channel 0
Register High
(T1CH0H)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
Indeterminate after reset
$0012
Timer 1 Channel 0
Register Low
(T1CH0L)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
Indeterminate after reset
$0013
Timer 1 Channel 1 Status
and Control Register
(T1SC1)
Read:
CH1F
CH1IE
CH01IE
MS1A
ELS1B
ELS1A
TOV1
CH1MAX
Write:
0
Reset:
00000000
= Unimplemented
Figure 10-2. TIM I/O Register Summary (Sheet 1 of 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com