Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 135Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 136Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 137Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 138Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 139Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 140Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 141Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 142Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 332 page
background image
Timer Interface Module (TIM)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Timer Interface Module (TIM)
139
10.4 Pin Name Conventions
The text that follows describes both timers, TIM1 and TIM2. The TIM
input/output (I/O) pin names are T[1,2]CH01 (timer channel 01), where
“1” is used to indicate TIM1 and “2” is used to indicate TIM2. The two
TIMs share two I/O pins with two I/O port pins. The full names of the TIM
I/O pins are listed in Table 10-1
. The generic pin names appear in the
text that follows.
NOTE:
References to either timer 1 or timer 2 may be made in the following text
by omitting the timer number. For example, TCH01 may refer generically
to T1CH01 and T2CH01.
10.5 Functional Description
Figure 10-1 shows the structure of the TIM. The central component of
the TIM is the 16-bit TIM counter that can operate as a free-running
counter or a modulo up-counter. The TIM counter provides the timing
reference for the input capture and output compare functions. The TIM
counter modulo registers, TMODH:TMODL, control the modulo value of
the TIM counter. Software can read the TIM counter value at any time
without affecting the counting sequence.
Channel 0 and channel 1 I/Os are connected together, forming a
common I/O. Although the two TIM channels are programmable
independently as input capture channels, the input capture signal will be
the same for both channels. Output compare functions should only be
enabled for one channel to avoid I/O contention.
Table 10-1. Pin Name Conventions
TIM Generic Pin Names:
T[1,2]CH01
TCLK
Full TIM
Pin Names:
TIM1
PTE1/T1CH01
PTE0/TCLK
TIM2
PTE2/T2CH01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com