Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 167 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 167 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 163Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 164Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 165Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 166Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 167Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 168Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 169Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 170Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 171Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 332 page
background image
Universal Serial Bus Module (USB)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Universal Serial Bus Module (USB)
167
$0036
USB Endpoint 2 Data
Register 6
(UE2D6)
Read: UE2R67
UE2R66
UE2R65
UE2R64
UE2R63
UE2R62
UE2R61
UE2R60
Write: UE2T67
UE2T66
UE2T65
UE2T64
UE2T63
UE2T62
UE2T61
UE2T60
Reset:
Unaffected by reset
$0037
USB Endpoint 2 Data
Register 7
(UE2D7)
Read: UE2R77
UE2R76
UE2R75
UE2R74
UE2R73
UE2R72
UE2R71
UE2R70
Write: UE2T77
UE2T76
UE2T75
UE2T74
UE2T73
UE2T72
UE2T71
UE2T70
Reset:
Unaffected by reset
$0038
USB Address Register
(UADDR)
Read:
USBEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
Write:
Reset:
0*
0000000
* USBEN bit is reset by POR or LVI reset only.
$0039
USB Interrupt Register 0
(UIR0)
Read:
EOPIE
SUSPND
TXD2IE
RXD2IE
TXD1IE
0
TXD0IE
RXD0IE
Write:
Reset:
00000000
$003A
USB Interrupt Register 1
(UIR1)
Read:
EOPF
RSTF
TXD2F
RXD2F
TXD1F
RESUMF
TXD0F
RXD0F
Write:
Reset:
00000000
$003B
USB Control Register 0
(UCR0)
Read:
T0SEQ
0
TX0E
RX0E
TP0SIZ3 TP0SIZ2 TP0SIZ1 TP0SIZ0
Write:
Reset:
00000000
$003C
USB Control Register 1
(UCR1)
Read:
T1SEQ
STALL1
TX1E
FRESUM TP1SIZ3 TP1SIZ2 TP1SIZ1 TP1SIZ0
Write:
Reset:
00000000
$003D
USB Status Register 0
(USR0)
Read: R0SEQ
SETUP
0
0
RP0SIZ3 RP0SIZ2 RP0SIZ1 RP0SIZ0
Write:
Reset:
Unaffected by reset
$003E
USB Status Register 1
(USR1)
Read: R2SEQ
TXACK
TXNAK
TXSTL
RP2SIZ3 RP2SIZ2 RP2SIZ1 RP2SIZ0
Write:
Reset:
U
000
U
U
U
U
Addr.
Register Name
Bit 7
654321
Bit 0
= Unimplemented
U = Unaffected by reset
Figure 11-1. USB I/O Register Summary (Sheet 4 of 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com