Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 170 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 170 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 166Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 167Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 168Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 169Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 170Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 171Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 172Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 173Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 174Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 332 page
background image
Universal Serial Bus Module (USB)
Technical Data
MC68HC908JB16 — Rev. 1.1
170
Universal Serial Bus Module (USB)
Freescale Semiconductor
Each USB transaction is comprised of a series of packets. The USB
module supports the packet types shown in Figure 11-4. Token packets
are generated by the USB host and decoded by the USB device. Data
and handshake packets are both decoded and generated by the USB
device, depending on the type of transaction.
Figure 11-4. Supported USB Packet Types
The following sections detail each segment used to form a complete
USB transaction.
11.5.1.1 Sync Pattern
The NRZI bit pattern shown in Figure 11-5 is used as a synchronization
pattern and is prefixed to each packet. This pattern is equivalent to a
data pattern of seven 0s followed by a 1 ($80).
Figure 11-5. Sync Pattern
Token Packet:
IN
OUT
SYNC
PID
PID
ADDR
ENDP
CRC5
EOP
SETUP
Data Packet:
DATA0
SYNC
PID
PID
DATA
CRC16
EOP
DATA1
0 – 8 Bytes
Handshake Packet:
ACK
NAK
SYNC
PID
PID
EOP
STALL
SYNC PATTERN
PID0 PID1
Idle
NRZI Data
Encoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com