Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 172 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 172 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 168Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 169Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 170Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 171Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 172Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 173Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 174Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 175Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 176Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 332 page
background image
Universal Serial Bus Module (USB)
Technical Data
MC68HC908JB16 — Rev. 1.1
172
Universal Serial Bus Module (USB)
Freescale Semiconductor
11.5.1.3 Address Field (ADDR)
The address field is a 7-bit number that is used to select a particular USB
device. This field is compared to the lower seven bits of the UADDR
register to determine if a given transaction is targeting the MCU USB
device.
11.5.1.4 Endpoint Field (ENDP)
The endpoint field is a 4-bit number that is used to select a particular
endpoint within a USB device. For the MCU, this will be a binary number
between 0 and 2 inclusive. Any other value will cause the transaction to
be ignored.
11.5.1.5 Cyclic Redundancy Check (CRC)
Cyclic redundancy checks are used to verify the address and data
stream of a USB transaction. This field is five bits wide for token packets
and 16 bits wide for data packets. CRCs are generated in the transmitter
and sent on the USB data lines after both the endpoint field and the data
field.
11.5.1.6 End-of-Packet (EOP)
The single-ended 0 (SE0) state is used to signal an end-of-packet
(EOP). The single-ended 0 state is indicated by both D+ and D– being
below 0.8V. EOP will be signaled by driving D+ and D– to the single-
ended 0 state for two bit times followed by driving the lines to the idle
state for one bit time. The transition from the single-ended 0 to the idle
state defines the end of the packet. The idle state is asserted for one bit
time and then both the D+ and D– output drivers are placed in their high-
impedance state. The bus termination resistors hold the bus in the idle
state. Figure 11-7 shows the data signaling and voltage levels for an
end-of-packet transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com