Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 174 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 174 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 170Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 171Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 172Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 173Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 174Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 175Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 176Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 177Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 178Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 332 page
background image
Universal Serial Bus Module (USB)
Technical Data
MC68HC908JB16 — Rev. 1.1
174
Universal Serial Bus Module (USB)
Freescale Semiconductor
The reset flag bit (RSTF) in the USB interrupt register 1 (UIR1) also will
be set after the internal reset is removed. Refer to 11.8.3 USB Interrupt
Register 1 for more detail.
After a reset is removed, the device will be in the default, but not yet
addressed or configured state (refer to Section 9.1 USB Device States
of the Universal Serial Bus Specification Rev. 2.0). The device must be
able to accept a device address via a SET_ADDRESS command (refer
to Section 9.4 Standard Device Request in the Universal Serial Bus
Specification Rev. 2.0) no later than 10ms after the reset is removed.
Reset can wake a device from the suspended mode.
NOTE:
USB reset can be configured not to generate a reset signal to the CPU
by setting the URSTD bit of the configuration register (see Section 5.
Configuration Register (CONFIG)). When a USB reset is detected, the
CPU generates an USB interrupt.
11.5.3 Suspend
The MCU supports suspend mode for low power. Suspend mode should
be entered when the USB data lines are in the idle state for more than
3ms. Entry into suspend mode is controlled by the SUSPND bit in the
USB interrupt register. Any low-speed bus activity should keep the
device out of the suspend state. Low-speed devices are kept awake by
periodic low-speed EOP signals from the host. This is referred to as low
speed keep alive (refer to Section 11.8.4.1 Low-speed Keep-alive in the
Universal Serial Bus Specification Rev. 2.0).
Firmware should monitor the EOPF flag and enter suspend mode by
setting the SUSPND bit if an EOP is not detected for 3ms.
Per the USB specification, the bus powered USB system is required to
draw less than 500
µA from the V
DD supply when in the suspend state.
This includes the current supplied by the voltage regulator to the 1.5k
Ω
to ground termination resistors placed at the host end of the USB bus.
This low-current requirement means that firmware is responsible for
entering stop mode once the USB module has been placed in the
suspend state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com