Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 176 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 176 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 172Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 173Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 174Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 175Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 176Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 177Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 178Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 179Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 180Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 332 page
background image
Universal Serial Bus Module (USB)
Technical Data
MC68HC908JB16 — Rev. 1.1
176
Universal Serial Bus Module (USB)
Freescale Semiconductor
11.5.5 Low-Speed Device
Low-speed devices are configured by the position of a pull-up resistor on
the USB D– pin of the MCU. Low-speed devices are terminated as
shown in Figure 11-9 with the pull-up on the D– line.
Figure 11-9. External Low-Speed Device Configuration
For low-speed transmissions, the transmitter’s EOP width must be
between 1.25
µs and 1.50µs. These ranges include timing variations due
to differential buffer delay and rise/fall time mismatches and to noise and
other random effects. A low-speed receiver must accept a 670ns SE0
followed by a J transition as a valid EOP. An SE0 shorter than
330ns or an SE0 not followed by a J transition are rejected as an EOP.
Any SE0 that is 8
µs or longer is automatically a reset.
11.6 Clock Requirements
The low-speed data rate is nominally 1.5 Mbps. The OSCXCLK
÷2
(6MHz) signal driven by the oscillator circuits is the clock source for the
USB module and requires that a 12MHz oscillator circuit be connected
to the OSC1 and OSC2 pins. The permitted frequency tolerance for low-
speed functions is approximately
±1.5% (15,000 ppm). This tolerance
includes inaccuracies from all sources: initial frequency accuracy, crystal
capacitive loading, supply voltage on the oscillator, temperature, and
aging. The jitter in the low-speed data rate must be less than 10ns.
1.5 kΩ
D+
D–
VREG (3.3V)
USB LOW-SPEED CABLE
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com