Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 178 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 178 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 174Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 175Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 176Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 177Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 178Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 179Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 180Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 181Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 182Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 332 page
background image
Universal Serial Bus Module (USB)
Technical Data
MC68HC908JB16 — Rev. 1.1
178
Universal Serial Bus Module (USB)
Freescale Semiconductor
11.7.2.1 Output Driver Characteristics
The USB transceiver uses a differential output driver to drive the USB
data signal onto the USB cable. The static output swing of the driver in
its low state is below the VOL of 0.3V with a 1.5kΩ load to 3.6V and in
its high state is above the VOH of 2.8V with a 15kΩ load to ground. The
output swings between the differential high and low state are well
balanced to minimize signal skew. Slew rate control on the driver is used
to minimize the radiated noise and cross talk. The driver’s outputs
support 3-state operation to achieve bidirectional half duplex operation.
The driver can tolerate a voltage on the signal pins of –1.0V to 5.5V with
respect to local ground reference without damage.
11.7.2.2 Low Speed (1.5 Mbps) Driver Characteristics
The rise and fall time of the signals on this cable are greater than 75ns
and less than 300ns. The edges are matched to within
±20% to minimize
RFI emissions and signal skew.
USB data transmission is done with differential signals. A differential
input receiver is used to accept the USB data signal. A differential 1 on
the bus is represented by D+ being at least 200mV more positive than
D– as seen at the receiver, and a differential 0 is represented by D–
being at least 200mV more positive than D+ as seen at the receiver. The
signal cross over point must be between 1.3V and 2.0V.
Figure 11-11. Receiver Characteristics
ONE BIT
TIME
(1.5 Mb/s)
SIGNAL PINS
PASS OUTPUT SPEC
LEVELS WITH MINIMAL
REFLECTIONS AND RINGING
VSE (min.)
VSE (max)
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com