Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 181 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 181 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 177Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 178Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 179Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 180Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 181Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 182Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 183Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 184Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 332 page
background image
Universal Serial Bus Module (USB)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Universal Serial Bus Module (USB)
181
11.7.3 USB Control Logic
The USB control logic manages data movement between the CPU and
the transceiver. The control logic handles both transmit and receive
operations on the USB. It contains the logic used to manipulate the
transceiver and the endpoint registers.
The byte count buffer is loaded with the active transmit endpoints byte
count value during transmit operations. This same buffer is used for
receive transactions to count the number of bytes received and, upon
the end of the transaction, transfer that number to the receive endpoints
byte count register.
When transmitting, the control logic handles parallel-to-serial
conversion, CRC generation, NRZI encoding, and bit stuffing.
When receiving, the control logic handles sync detection, packet
identification, end-of-packet detection, bit (un)stuffing, NRZI decoding,
CRC validation, and serial-to-parallel conversion. Errors detected by the
control logic include bad CRC, timeout while waiting for EOP, and bit
stuffing violations.
11.8 I/O Registers
These I/O registers control and monitor USB operation:
•
USB address register (UADDR)
•
USB control registers 0–4 (UCR0–UCR4)
•
USB status registers 0–1 (USR0–USR1)
•
USB interrupt registers 0–2 (UIR0–UIR2)
•
USB endpoint 0 data registers 0–7 (UE0D0–UE0D7)
•
USB endpoint 1 data registers 0–7 (UE1D0–UE1D7)
•
USB endpoint 2 data registers 0–7 (UE2D0–UE2D7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com