Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 183 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 183 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 179Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 180Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 181Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 182Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 183Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 184Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 185Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 186Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 332 page
background image
Universal Serial Bus Module (USB)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Universal Serial Bus Module (USB)
183
11.8.2 USB Interrupt Register 0
EOPIE — End-of-Packet Detect Interrupt Enable
This read/write bit enables the USB to generate CPU interrupt
requests when the EOPF bit becomes set. Reset clears the EOPIE
bit.
1 = End-of-packet sequence detection can generate a CPU
interrupt request
0 = End-of-packet sequence detection cannot generate a CPU
interrupt request
SUSPND — USB Suspend Bit
To save power, this read/write bit should be set by the software if a
3ms constant idle state is detected on the USB bus. Setting this bit
puts the transceiver into a power-saving mode. The RESUMF flag
must be cleared before setting SUSPND. Software must clear this bit
after the resume flag (RESUMF) is set while this resume interrupt flag
is serviced.
TXD2IE — Endpoint 2 Transmit Interrupt Enable
This read/write bit enables the transmit endpoint 2 to generate CPU
interrupt requests when the TXD2F bit becomes set. Reset clears the
TXD2IE bit.
1 = Transmit endpoint 2 can generate a CPU interrupt request
0 = Transmit endpoint 2 cannot generate a CPU interrupt request
Address:
$0039
Bit 7
654321
Bit 0
Read:
EOPIE
SUSPND
TXD2IE
RXD2IE
TXD1IE
0
TXD0IE
RXD0IE
Write:
Reset:
00000000
= Unimplemented
Figure 11-16. USB Interrupt Register 0 (UIR0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com