Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 187 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 187 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 183Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 184Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 185Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 186Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 187Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 188Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 189Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 190Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 191Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 332 page
background image
Universal Serial Bus Module (USB)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Universal Serial Bus Module (USB)
187
TXD0F — Endpoint 0 Data Transmit Flag
This read-only bit is set after the data stored in endpoint 0 transmit
buffers has been sent and an ACK handshake packet from the host is
received. Once the next set of data is ready in the transmit buffers,
software must clear this flag by writing a logic 1 to the TXD0FR bit. To
enable the next data packet transmission, TX0E also must be set. If
the TXD0F bit is not cleared, a NAK handshake will be returned in the
next IN transaction.
Reset clears this bit. Writing to TXD0F has no effect.
1 = Transmit on endpoint 0 has occurred
0 = Transmit on endpoint 0 has not occurred
RXD0F — Endpoint 0 Data Receive Flag
This read-only bit is set after the USB module has received a data
packet and responded with an ACK handshake packet. Software
must clear this flag by writing a logic 1 to the RXD0FR bit after all of
the received data has been read. Software also must set the RX0E bit
to 1 to enable the next data packet reception. If the RXD0F bit is not
cleared, the USB will respond with a NAK handshake to any
endpoint 0 OUT tokens; but does not respond to a SETUP token.
Reset clears this bit. Writing to RXD0F has no effect.
1 = Receive on endpoint 0 has occurred
0 = Receive on endpoint 0 has not occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com