Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 184 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 184 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 180Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 181Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 182Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 183Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 184Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 185Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 186Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 187Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 188Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 332 page
background image
Universal Serial Bus Module (USB)
Technical Data
MC68HC908JB16 — Rev. 1.1
184
Universal Serial Bus Module (USB)
Freescale Semiconductor
RXD2IE — Endpoint 2 Receive Interrupt Enable
This read/write bit enables the receive endpoint 2 to generate CPU
interrupt requests when the RXD2F bit becomes set. Reset clears the
RXD2IE bit.
1 = Receive endpoint 2 can generate a CPU interrupt request
0 = Receive endpoint 2 cannot generate a CPU interrupt request
TXD1IE — Endpoint 1 Transmit Interrupt Enable
This read/write bit enables the transmit endpoint 1 to generate CPU
interrupt requests when the TXD1F bit becomes set. Reset clears the
TXD1IE bit.
1 = Transmit endpoints 1 can generate a CPU interrupt request
0 = Transmit endpoints 1 cannot generate a CPU interrupt request
TXD0IE — Endpoint 0 Transmit Interrupt Enable
This read/write bit enables the transmit endpoint 0 to generate CPU
interrupt requests when the TXD0F bit becomes set. Reset clears the
TXD0IE bit.
1 = Transmit endpoint 0 can generate a CPU interrupt request
0 = Transmit endpoint 0 cannot generate a CPU interrupt request
RXD0IE — Endpoint 0 Receive Interrupt Enable
This read/write bit enables the receive endpoint 0 to generate CPU
interrupt requests when the RXD0F bit becomes set. Reset clears the
RXD0IE bit.
1 = Receive endpoint 0 can generate a CPU interrupt request
0 = Receive endpoint 0 cannot generate a CPU interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com