| Electronic Components Datasheet Search |
|
M68HC08 Datasheet(PDF) 186 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 Datasheet(HTML) 186 Page - Freescale Semiconductor, Inc |
|
186 / 332 page ![]() Universal Serial Bus Module (USB) Technical Data MC68HC908JB16 — Rev. 1.1 186 Universal Serial Bus Module (USB) Freescale Semiconductor To enable the next data packet transmission, TX2E also must be set. If the TXD2F bit is not cleared, a NAK handshake will be returned in the next IN transaction. Reset clears this bit. Writing to TXD2F has no effect. 1 = Transmit on endpoint 2 has occurred 0 = Transmit on endpoint 2 has not occurred RXD2F — Endpoint 2 Data Receive Flag This read-only bit is set after the USB module has received a data packet and responded with an ACK handshake packet. Software must clear this flag by writing a logic 1 to the RXD2FR bit after all of the received data has been read. Software also must set the RX2E bit to 1 to enable the next data packet reception. If the RXD2F bit is not cleared, a NAK handshake will be returned in the next OUT transaction. Reset clears this bit. Writing to RXD2F has no effect. 1 = Receive on endpoint 2 has occurred 0 = Receive on endpoint 2 has not occurred TXD1F — Endpoint 1 Data Transmit Flag This read-only bit is set after the data stored in the endpoint 1 transmit buffer has been sent and an ACK handshake packet from the host is received. Once the next set of data is ready in the transmit buffers, software must clear this flag by writing a logic 1 to the TXD1FR bit. To enable the next data packet transmission, TX1E also must be set. If the TXD1F bit is not cleared, a NAK handshake will be returned in the next IN transaction. Reset clears this bit. Writing to TXD1F has no effect. 1 = Transmit on endpoint 1has occurred 0 = Transmit on endpoint 1has not occurred RESUMF — Resume Flag This read-only bit is set when USB bus activity is detected while the SUSPND bit is set. Software must clear this flag by writing a logic 1 to the RESUMFR bit. Reset clears this bit. Writing a logic 0 to RESUMF has no effect. 1 = USB bus activity has been detected 0 = No USB bus activity has been detected |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |