Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 190 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 190 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 186Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 187Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 188Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 189Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 190Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 191Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 192Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 193Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 194Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 332 page
background image
Universal Serial Bus Module (USB)
Technical Data
MC68HC908JB16 — Rev. 1.1
190
Universal Serial Bus Module (USB)
Freescale Semiconductor
TP0SIZ3–TP0SIZ0 — Endpoint 0 Transmit Data Packet Size
These read/write bits store the number of transmit data bytes for the
next IN token request for endpoint 0. These bits are cleared by reset.
11.8.6 USB Control Register 1
T1SEQ — Endpoint 1 Transmit Sequence Bit
This read/write bit determines which type of data packet (DATA0 or
DATA1) will be sent during the next IN transaction directed to
endpoint 1. Toggling of this bit must be controlled by software. Reset
clears this bit.
1 = DATA1 token active for next endpoint 1 transmit
0 = DATA0 token active for next endpoint 1 transmit
STALL1 — Endpoint 1 Force Stall Bit
This read/write bit causes endpoint 1 to return a STALL handshake
when polled by either an IN or OUT token by the USB host controller.
Reset clears this bit.
1 = Send STALL handshake
0 = Default
TX1E — Endpoint 1 Transmit Enable
This read/write bit enables a transmit to occur when the USB host
controller sends an IN token to endpoint 1. The appropriate endpoint
enable bit, ENABLE1 bit in the UCR3 register, also should be set.
Software should set the TX1E bit when data is ready to be
transmitted. It must be cleared by software when no more data needs
to be transmitted.
Address:
$003C
Bit 7
654321
Bit 0
Read:
T1SEQ
STALL1
TX1E
FRESUM TP1SIZ3 TP1SIZ2 TP1SIZ1 TP1SIZ0
Write:
Reset:
00000000
Figure 11-20. USB Control Register 1 (UCR1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com