| Electronic Components Datasheet Search |
|
M68HC08 Datasheet(PDF) 192 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 Datasheet(HTML) 192 Page - Freescale Semiconductor, Inc |
|
192 / 332 page ![]() Universal Serial Bus Module (USB) Technical Data MC68HC908JB16 — Rev. 1.1 192 Universal Serial Bus Module (USB) Freescale Semiconductor STALL2 — Endpoint 2 Force Stall Bit This read/write bit causes endpoint 2 to return a STALL handshake when polled by either an IN or OUT token by the USB host controller. Reset clears this bit. 1 = Send STALL handshake 0 = Default TX2E — Endpoint 2 Transmit Enable This read/write bit enables a transmit to occur when the USB host controller sends an IN token to endpoint 2. The appropriate endpoint enable bit, ENABLE2 bit in the UCR3 register, also should be set. Software should set the TX2E bit when data is ready to be transmitted. It must be cleared by software when no more data needs to be transmitted. If this bit is 0 or the TXD2F is set, the USB will respond with a NAK handshake to any endpoint 2 directed IN tokens. Reset clears this bit. 1 = Data is ready to be sent 0 = Data is not ready. Respond with NAK RX2E — Endpoint 2 Receive Enable This read/write bit enables a receive to occur when the USB host controller sends an OUT token to endpoint 2. Software should set this bit when data is ready to be received. It must be cleared by software when data cannot be received. If this bit is 0 or the RXD2F is set, the USB will respond with a NAK handshake to any endpoint 2 OUT tokens. Reset clears this bit. 1 = Data is ready to be received 0 = Not ready for data. Respond with NAK TP2SIZ3–TP2SIZ0 — Endpoint 2 Transmit Data Packet Size These read/write bits store the number of transmit data bytes for the next IN token request for endpoint 2. These bits are cleared by reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |