Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 196 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 196 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 192Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 193Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 194Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 195Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 196Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 197Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 198Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 199Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 200Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 332 page
background image
Universal Serial Bus Module (USB)
Technical Data
MC68HC908JB16 — Rev. 1.1
196
Universal Serial Bus Module (USB)
Freescale Semiconductor
11.8.10 USB Status Register 0
R0SEQ — Endpoint 0 Receive Sequence Bit
This read-only bit indicates the type of data packet last received for
endpoint 0 (DATA0 or DATA1).
1 = DATA1 token received in last endpoint 0 receive
0 = DATA0 token received in last endpoint 0 receive
SETUP — SETUP Token Detect Bit
This read-only bit indicates that a valid SETUP token has been
received.
1 = Last token received for endpoint 0 was a SETUP token
0 = Last token received for endpoint 0 was not a SETUP token
RP0SIZ3–RP0SIZ0 — Endpoint 0 Receive Data Packet Size
These read-only bits store the number of data bytes received for the
last OUT or SETUP transaction for endpoint 0.
Address:
$003D
Bit 7
654321
Bit 0
Read: R0SEQ
SETUP
0
0
RP0SIZ3 RP0SIZ2 RP0SIZ1 RP0SIZ0
Write:
Reset:
Unaffected by reset
= Unimplemented
Figure 11-24. USB Status Register 0 (USR0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com