Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 194 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 194 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 190Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 191Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 192Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 193Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 194Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 195Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 196Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 197Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 198Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 332 page
background image
Universal Serial Bus Module (USB)
Technical Data
MC68HC908JB16 — Rev. 1.1
194
Universal Serial Bus Module (USB)
Freescale Semiconductor
ISTALL0 — Endpoint 0 Force STALL Bit for IN token
This read/write bit causes endpoint 0 to return a STALL handshake
when polled by an IN token by the USB host controller. The USB
hardware clears this bit when a SETUP token is received. Reset
clears this bit.
1 = Send STALL handshake
0 = Default
PULLEN — Pull-up Enable
This read/write bit controls the pull-up option for the USB D– pin if the
USB module is enabled.
1 = Configure D– pin to have internal pull-up
0 = Disconnect D– pin internal pull-up
ENABLE2 — Endpoint 2 Enable
This read/write bit enables endpoint 2 and allows the USB to respond
to IN or OUT packets addressed to endpoint 2. Reset clears this bit.
1 = Endpoint 2 is enabled and can respond to an IN or OUT token
0 = Endpoint 2 is disabled
ENABLE1 — Endpoint 1 Enable
This read/write bit enables endpoint 1 and allows the USB to respond
to IN packets addressed to endpoint 1. Reset clears this bit.
1 = Endpoint 1 is enabled and can respond to an IN token
0 = Endpoint 1 is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com