Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 197 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 197 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 193Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 194Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 195Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 196Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 197Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 198Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 199Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 200Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 201Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 332 page
background image
Universal Serial Bus Module (USB)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Universal Serial Bus Module (USB)
197
11.8.11 USB Status Register 1
R2SEQ — Endpoint 2 Receive Sequence Bit
This read-only bit indicates the type of data packet last received for
endpoint 2 (DATA0 or DATA1).
1 = DATA1 token received in last endpoint 2 receive
0 = DATA0 token received in last endpoint 2 receive
TXACK — ACK Token Transmit Bit
This read-only bit indicates that an ACK token has been transmitted.
This bit is updated at the end of the data transmission.
1 = Last token transmitted for endpoint 0 was an ACK token
0 = Last token transmitted for endpoint 0 was not an ACK token
TXNAK — NAK Token Transmit Bit
This read-only bit indicates that a TXNAK token has been transmitted.
This bit is updated at the end of the data transmission.
1 = Last token transmitted for endpoint 0 was a NAK token
0 = Last token transmitted for endpoint 0 was not a NAK token
TXSTL — STALL Token Transmit Bit
This read-only bit indicates that a STALL token has been transmitted.
This bit is updated at the end of the data transmission.
1 = Last token transmitted for endpoint 0 was a STALL token
0 = Last token transmitted for endpoint 0 was not a STALL token
RP2SIZ3–RP2SIZ0 — Endpoint 2 Receive Data Packet Size
These read-only bits store the number of data bytes received for the
last OUT transaction for endpoint 2.
Address:
$003E
Bit 7
654321
Bit 0
Read: R2SEQ
TXACK
TXNAK
TXSTL
RP2SIZ3 RP2SIZ2 RP2SIZ1 RP2SIZ0
Write:
Reset:
U
000
U
U
U
U
= Unimplemented
U = Unaffected by reset
Figure 11-25. USB Status Register 2 (USR1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com