Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 191 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 191 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 187Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 188Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 189Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 190Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 191Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 192Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 193Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 194Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 195Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 332 page
background image
Universal Serial Bus Module (USB)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Universal Serial Bus Module (USB)
191
If this bit is 0 or the TXD1F is set, the USB will respond with a NAK
handshake to any endpoint 1 directed IN tokens. Reset clears this bit.
1 = Data is ready to be sent
0 = Data is not ready. Respond with NAK
FRESUM — Force Resume
This read/write bit forces a resume state (K or non-idle state) onto the
USB data lines to initiate a remote wakeup. Software should control
the timing of the forced resume to be between 10 and 15 ms. Setting
this bit will not cause the RESUMF bit to be set.
1 = Force data lines to K state
0 = Default
TP1SIZ3–TP1SIZ0 — Endpoint 1 Transmit Data Packet Size
These read/write bits store the number of transmit data bytes for the
next IN token request for endpoint 1. These bits are cleared by reset.
11.8.7 USB Control Register 2
T2SEQ — Endpoint 2 Transmit Sequence Bit
This read/write bit determines which type of data packet (DATA0 or
DATA1) will be sent during the next IN transaction directed to
endpoint 2. Toggling of this bit must be controlled by software. Reset
clears this bit.
1 = DATA1 token active for next endpoint 2 transmit
0 = DATA0 token active for next endpoint 2 transmit
Address:
$0019
Bit 7
654321
Bit 0
Read:
T2SEQ
STALL2
TX2E
RX2E
TP2SIZ3 TP2SIZ2 TP2SIZ1 TP2SIZ0
Write:
Reset:
00000000
Figure 11-21. USB Control Register 2 (UCR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com