Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 175 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 175 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 171Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 172Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 173Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 174Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 175Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 176Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 177Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 178Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 332 page
background image
Universal Serial Bus Module (USB)
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Universal Serial Bus Module (USB)
175
11.5.4 Resume After Suspend
The MCU can be activated from the suspend state by normal bus
activity, a USB reset signal, or by a forced resume driven from the MCU.
11.5.4.1 Host Initiated Resume
The host signals resume by initiating resume signalling (K state) for at
least 20ms followed by a standard low-speed EOP signal. This 20ms
ensures that all devices in the USB network are awakened.
After resuming the bus, the host must begin sending bus traffic within
3ms to prevent the device from re-entering suspend mode.
11.5.4.2 USB Reset Signalling
Reset can wake a device from the suspended mode.
11.5.4.3 Remote Wakeup
The MCU also supports the remote wakeup feature. The firmware has
the ability to exit suspend mode by signaling a resume state to the
upstream host or hub. A non-idle state (K state) on the USB data lines is
accomplished by asserting the FRESUM bit in the UCR1 register.
When using the remote wakeup capability, the firmware must wait for at
least 5ms after the bus is in the idle state before sending the remote
wakeup resume signaling. This allows the upstream devices to get into
their suspend state and prepare for propagating resume signaling. The
FRESUM bit should be asserted to cause the resume state on the USB
data lines for at least 10ms, but not more than 15ms. Note that the
resume signalling is controlled by the FRESUM bit and meeting the
timing specifications is dependent on the firmware. When FRESUM is
cleared by firmware, the data lines will return to their high-impedance
state.
Refer to register definitions (see 11.8.6 USB Control Register 1) for
more information about how the force resume (FRESUM) bit can be
used to initiate the remote wakeup feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com