Electronic Components Datasheet Search
  English  ▼

X  

BAT46WH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAT46WH
Description  Single Schottky barrier diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT46WH Datasheet(HTML) 4 Page - NXP Semiconductors

  BAT46WH Datasheet HTML 1Page - NXP Semiconductors BAT46WH Datasheet HTML 2Page - NXP Semiconductors BAT46WH Datasheet HTML 3Page - NXP Semiconductors BAT46WH Datasheet HTML 4Page - NXP Semiconductors BAT46WH Datasheet HTML 5Page - NXP Semiconductors BAT46WH Datasheet HTML 6Page - NXP Semiconductors BAT46WH Datasheet HTML 7Page - NXP Semiconductors BAT46WH Datasheet HTML 8Page - NXP Semiconductors BAT46WH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BAT46WH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 28 November 2011
4 of 12
NXP Semiconductors
BAT46WH
Single Schottky barrier diode
7.
Characteristics
[1]
Pulse test: tp  300 s;  0.02.
[2]
When switched from IF = 10 mA to IR =10mA; RL = 100 ; measured at IR =1mA.
Table 7.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
[1]
IF = 0.1 mA
-
175
200
mV
IF = 10 mA
-
315
350
mV
IF =10mA; Tj = 40 C
-
-
470
mV
IF = 50 mA
-
415
475
mV
IF =50mA; Tj = 40 C
-
-
560
mV
IF = 250 mA
-
710
850
mV
IR
reverse current
[1]
VR = 1.5 V
-
0.2
0.5
A
VR = 1.5 V; Tj =60 C
--12
A
VR =10V
-
0.3
0.8
A
VR =10V; Tj =60 C
--20
A
VR =50V
-
0.7
2
A
VR =50V; Tj =60 C
--44
A
VR =75V
-
1
4
A
VR =75V; Tj =60 C
--80
A
VR =100 V
-
2
9
A
VR =100 V; Tj =60 C
-
-
120
A
VR =100 V; Tj =85 C
-
-
600
A
Cd
diode capacitance
f = 1 MHz
VR = 0 V
--39
pF
VR = 1 V
--21
pF
trr
reverse recovery time
[2] -5.9
-ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com