Electronic Components Datasheet Search
  English  ▼

X  

BAT46WH Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAT46WH
Description  Single Schottky barrier diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT46WH Datasheet(HTML) 5 Page - NXP Semiconductors

  BAT46WH Datasheet HTML 1Page - NXP Semiconductors BAT46WH Datasheet HTML 2Page - NXP Semiconductors BAT46WH Datasheet HTML 3Page - NXP Semiconductors BAT46WH Datasheet HTML 4Page - NXP Semiconductors BAT46WH Datasheet HTML 5Page - NXP Semiconductors BAT46WH Datasheet HTML 6Page - NXP Semiconductors BAT46WH Datasheet HTML 7Page - NXP Semiconductors BAT46WH Datasheet HTML 8Page - NXP Semiconductors BAT46WH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
BAT46WH
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 28 November 2011
5 of 12
NXP Semiconductors
BAT46WH
Single Schottky barrier diode
(1) Tamb = 150 C
(2) Tamb = 125 C
(3) Tamb =85 C
(4) Tamb =25 C
(5) Tamb = 40 C
(1) Tamb = 125 C
(2) Tamb =85 C
(3) Tamb =60 C
(4) Tamb =25 C
(5) Tamb = 40 C
Fig 3.
Forward current as a function of forward
voltage; typical values
Fig 4.
Reverse current as a function of reverse
voltage; typical values
f=1MHz; Tamb =25 C
Fig 5.
Diode capacitance as a function of reverse voltage; typical values
006aac396
VF (V)
0.0
1.2
0.8
0.4
10−3
10−2
10−1
1
IF
(A)
10−4
(1)
(2)
(3)
(4)
(5)
(3)
(4)
(5)
006aac397
IR
(A)
10−6
10−8
10−7
10−3
10−4
10−5
10−2
10−9
VR (V)
0
100
60
80
20
40
(5)
(1)
(2)
(4)
(3)
VR (V)
0
100
80
40
60
20
006aac398
35
Cd
(pF)
25
15
5
0
10
20
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com