Electronic Components Datasheet Search
  English  ▼

X  

ARS1012 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ARS1012
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS1012 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ARS1012 Datasheet HTML 1Page - Panasonic Semiconductor ARS1012 Datasheet HTML 2Page - Panasonic Semiconductor ARS1012 Datasheet HTML 3Page - Panasonic Semiconductor ARS1012 Datasheet HTML 4Page - Panasonic Semiconductor ARS1012 Datasheet HTML 5Page - Panasonic Semiconductor ARS1012 Datasheet HTML 6Page - Panasonic Semiconductor ARS1012 Datasheet HTML 7Page - Panasonic Semiconductor ARS1012 Datasheet HTML 8Page - Panasonic Semiconductor ARS1012 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
5. Surface-mount terminal and reversed contact type, E layout
Standard packing: 40 pcs. in an inner package (tube); 1,000 pcs. in an outer package
Standard packing: 500 pcs. in an inner package (tape and reel); 1,000 pcs. in an outer package
Note: The box at the end of a part number shows where packing type is indicated. If there is no indication, tube packing will be used.
If “X” or “Z” is added, tape and reel packing will be used. Example: ARS34A03 (tube packing), ARS34A03X (tape and reel packing)
6. Surface-mount terminal and reversed contact type, Y layout
Standard packing: 40 pcs. in an inner package (tube); 1,000 pcs. in an outer package
Standard packing: 500 pcs. in an inner package (tape and reel); 1,000 pcs. in an outer package
Note: The box at the end of a part number shows where packing type is indicated. If there is no indication, tube packing will be used.
If “X” or “Z” is added, tape and reel packing will be used. Example: ARS34Y03 (tube packing), ARS34Y03X (tape and reel packing)
RATING
1. Coil data
1) Single side stable type
2) 1 coil latching type
3) 2 coil latching type
Impedance
Nominal coil
voltage
Part No.
Single side stable type
1 coil latching type
2 coil latching type
50
Ω
3
V DC
ARS34A03
ARS35A03
ARS36A03
4.5 V DC
ARS34A4H
ARS35A4H
ARS36A4H
9
V DC
ARS34A09
ARS35A09
ARS36A09
12
V DC
ARS34A12
ARS35A12
ARS36A12
24
V DC
ARS34A24
ARS35A24
ARS36A24
75
Ω
3
V DC
ARS30A03
ARS31A03
ARS32A03
4.5 V DC
ARS30A4H
ARS31A4H
ARS32A4H
9
V DC
ARS30A09
ARS31A09
ARS32A09
12
V DC
ARS30A12
ARS31A12
ARS32A12
24
V DC
ARS30A24
ARS31A24
ARS32A24
Impedance
Nominal coil
voltage
Part No.
Single side stable type
1 coil latching type
2 coil latching type
50
Ω
3
V DC
ARS34Y03
ARS35Y03
ARS36Y03
4.5 V DC
ARS34Y4H
ARS35Y4H
ARS36Y4H
9
V DC
ARS34Y09
ARS35Y09
ARS36Y09
12
V DC
ARS34Y12
ARS35Y12
ARS36Y12
24
V DC
ARS34Y24
ARS35Y24
ARS36Y24
75
Ω
3
V DC
ARS30Y03
ARS31Y03
ARS32Y03
4.5 V DC
ARS30Y4H
ARS31Y4H
ARS32Y4H
9
V DC
ARS30Y09
ARS31Y09
ARS32Y09
12
V DC
ARS30Y12
ARS31Y12
ARS32Y12
24
V DC
ARS30Y24
ARS31Y24
ARS32Y24
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 60
°C 140°F)
3
V DC
75%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
66.7 mA
45
Ω
200 mW
110%V or less of
nominal voltage
4.5 V DC
44.4 mA
101.3
Ω
9
V DC
22.2 mA
405
Ω
12
V DC
16.7 mA
720
Ω
24
V DC
8.3 mA
2,880
Ω
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 60
°C 140°F)
3
V DC
75%V or less of
nominal voltage
(Initial)
75%V or less of
nominal voltage
(Initial)
66.7 mA
45
Ω
200 mW
110%V or less of
nominal voltage
4.5 V DC
44.4 mA
101.3
Ω
9
V DC
22.2 mA
405
Ω
12
V DC
16.7 mA
720
Ω
24
V DC
8.3 mA
2,880
Ω
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 60
°C 140°F)
3
V DC
75%V or less of
nominal voltage
(Initial)
75%V or less of
nominal voltage
(Initial)
133.3 mA
22.5
Ω
400 mW
110%V or less of
nominal voltage
4.5 V DC
88.9 mA
50.6
Ω
9
V DC
44.4 mA
202.5
Ω
12
V DC
33.3 mA
360
Ω
24
V DC
16.7 mA
1,440
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com