Electronic Components Datasheet Search
  English  ▼

X  

ARS1012 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ARS1012
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS1012 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ARS1012 Datasheet HTML 3Page - Panasonic Semiconductor ARS1012 Datasheet HTML 4Page - Panasonic Semiconductor ARS1012 Datasheet HTML 5Page - Panasonic Semiconductor ARS1012 Datasheet HTML 6Page - Panasonic Semiconductor ARS1012 Datasheet HTML 7Page - Panasonic Semiconductor ARS1012 Datasheet HTML 8Page - Panasonic Semiconductor ARS1012 Datasheet HTML 9Page - Panasonic Semiconductor ARS1012 Datasheet HTML 10Page - Panasonic Semiconductor ARS1012 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
Schematic (Bottom view)
<Surface-mount terminal>
2. 75
Ω type
External dimensions
Tolerance:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
14.00
.551
8.60
.339
3- 0.45
3- .018
3-0.40
×0.20
3-.016
×.008
(1.40)
(.055)
2-1.40
×0.20
2-.055
×.008
Stand off
2 coil latching only
2.54
.100
6.35
1.40
.250
.055
JAPAN
The part numbers depend
on the type and voltage.
Lot No.
2.54
.100
3-0.90 dia.
3-.035 dia.
3-0.70 dia. Min.
3-.028 dia. Min.
1.80
.071
2 coil latching only
R0.40
R.016
CAD Data
1. Standard contact type
2. Reversed contact type
10
6
5
1
COM
NO
NC
97
8
–+
Direction indication
SET
5
1
+–
COM
6
98
7
10
RESET
Direction indication
4
8
10
7
1
+
RESET
COM
5
9
SET
6
–+
Direction indication
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2 coil latching type
(Reset condition)
10
6
5
1
COM
NC
NO
97
8
–+
Direction indication
RESET
5
1
+–
COM
6
98
7
10
SET
Direction indication
4
8
10
7
1
+
SET
COM
5
9
RESET
6
–+
Direction indication
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2 coil latching type
(Reset condition)
<Standard contact type>
<Reversed contact type>
The part numbers
depend on the
type and voltage.
10.16
.400
0.5
0.5
0.5
.020
0.6
3.2
.126
0.6
8-0.4
8-.016
10.16
.400
.126
8.6
.339
14.6
.575
3.2
.024
3.2
0.6
3.2
.024
.024
.126
.126
11.2
.441
14.0 .551
9.2
.362
1.27
.020
.020
.050
Lot No.
JAPAN
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
12
10
11
15
4
8
14 13
6
17
7
16
+
-
NC
NO
COM
2
18
Direction indication
2
COM
+
-
7
6
8
4
18 17
13
14
15
11 10
16
12
RESET
SET
Direction indication
-
+
+
18 17
13
14
2
7
6
8
4
15
11 10
16
12
COM
RESET
SET
Direction indication
NC
NO
COM
2
7
6
8
4
18 17
13
14
15
11 10
16
12
-
+
Direction indication
2
7
6
8
4
-
+
18 17
13
14
15
11 10
16
12
COM
RESET
SET
Direction indication
2
7
6
8
4
18 17
13
14
15
11 10
16
12
-
+
+
COM
RESET
SET
Direction indication
8.0
.315
.006
0.15
.006
0.15
1. Impedance: 50
Ω type
1) E layout
External dimensions
Schematic (Top view)
Tolerance:
±0.3 ±.012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com