Electronic Components Datasheet Search
  English  ▼

X  

ARS1012 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ARS1012
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS1012 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ARS1012 Datasheet HTML 1Page - Panasonic Semiconductor ARS1012 Datasheet HTML 2Page - Panasonic Semiconductor ARS1012 Datasheet HTML 3Page - Panasonic Semiconductor ARS1012 Datasheet HTML 4Page - Panasonic Semiconductor ARS1012 Datasheet HTML 5Page - Panasonic Semiconductor ARS1012 Datasheet HTML 6Page - Panasonic Semiconductor ARS1012 Datasheet HTML 7Page - Panasonic Semiconductor ARS1012 Datasheet HTML 8Page - Panasonic Semiconductor ARS1012 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
2. Specifications
* Measured the operation noise of the relay alone (with diodes at both ends of the coil) 30cm away from top side, by the A-weighted, FAST method while applying the rated
voltage.
(Reference) Operation noise of RK relay (existing model): Approx. 50dB
Item
Specifications
Contact
Arrangement
1 Form C
Contact material
Gold plating
Contact resistance (Initial)
Max. 100 m
Ω (By voltage drop 10 V AC 10mA)
Rating
Nominal switching capacity
1W (at 3 GHz, Impedance: 50/75
Ω, V.S.W.R.: Max. 1.4), 10 mA 24 V DC (resistive load)
Contact carrying power
Max. 10W (at 3GHz, Impedance: 50/75
Ω, V.S.W.R.: Max. 1.4)
Max. switching voltage
30 V DC
Max. switching current
0.5 A DC
Nominal
operating
power
Single side stable type
200mW
1 coil latching type
200mW
2 coil latching type
400mW
High frequency
characteristics,
Impedance: 50
Ω
(Initial)
V.S.W.R.
Max. 1.20/900MHz, Max. 1.40/3GHz (Standard PC board terminal)
Max. 1.20/900MHz, Max. 1.40/3GHz (Surface-mount terminal)
Insertion loss (without D.U.T. board’s loss)
Max. 0.10dB/900MHz, Max. 0.35dB/3GHz (Standard PC board terminal)
Max. 0.20dB/900MHz, Max. 0.40dB/3GHz (Surface-mount terminal)
Isolation
Min. 60dB/900MHz, Min. 35dB/3GHz (Standard PC board terminal)
Min. 55dB/900MHz, Min. 30dB/3GHz (Surface-mount terminal)
High frequency
characteristics,
Impedance: 75
Ω
(Initial)
V.S.W.R.
Max. 1.15/900MHz, Max. 1.40/3GHz (Standard PC board terminal)
Max. 1.20/900MHz, Max. 1.50/3GHz (Surface-mount terminal)
Insertion loss (without D.U.T. board’s loss)
Max. 0.10dB/900MHz, Max. 0.30dB/3GHz (Standard PC board terminal)
Max. 0.20dB/900MHz, Max. 0.50dB/3GHz (Surface-mount terminal)
Isolation
Min. 60dB/900MHz, Min. 30dB/3GHz (Standard PC board terminal)
Min. 55dB/900MHz, Min. 30dB/3GHz (Surface-mount terminal)
Electrical
characteristics
Insulation resistance (Initial)
Min. 100M
Ω (at 500V DC, Measurement at same location as “Breakdown voltage” section.)
Breakdown
voltage
(Initial)
Between open contacts
500 Vrms for 1min. (Detection current: 10mA)
Between contact and earth terminal
500 Vrms for 1min. (Detection current: 10mA)
Between contact and coil
1,000 Vrms for 1min. (Detection current: 10mA)
Temperature rise (at 20
°C 68°F)
Max. 60
°C 140°F
(By resistive method, nominal voltage applied to the coil, contact carrying current: 10mA)
Operate time (at 20
°C 68°F)
Max. 10 ms (Nominal voltage applied to the coil, excluding contact bounce time)
Release time (at 20
°C 68°F)
Max. 6 ms (Nominal voltage applied to the coil, excluding contact bounce time)
(without diode)
Set time and Reset time (at 20
°C 68°F)
Max. 10 ms (Nominal voltage applied to the coil, excluding contact bounce time)
Mechanical
characteristics
Shock
resistance
Functional
Min. 196 m/s2 (Half-wave pulse of sine wave: 11 ms, detection time: 10
µs)
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms)
Vibration
resistance
Functional
10 to 55 Hz at double amplitude of 3 mm (Detection time: 10
µs)
Destructive
10 to 55 Hz at double amplitude of 5 mm
Operation noise*
Standard type
Approx. 40dB
Silent type (75
Ω, PC board terminal type only)
Approx. 30dB
Expected life
Mechanical
life
Single side stable standard type
Min. 5
×106 (at 180 cpm)
Single side stable silent type
Min. 106 (at 180 cpm)
Latching type
Min. 106 (at 180 cpm)
Electrical life
50
Ω type
Min. 106 (Standard PC board terminal), Min. 3
×105 (Surface-mount terminal)
(10V DC 10mA resistive load)/Min. 3
×105 (24V DC 10mA resistive load)
Min. 106 (Standard PC board terminal), Min. 3
×105 (Surface-mount terminal)
(1W, at 3GHz, Impedance: 50
Ω, V.S.W.R: Max. 1.4) (at 20 cpm)
75
Ω type
Min. 3
×105 (10mA 24V DC resistive load)
Min. 3
×105 (1W, at 3GHz, Impedance: 75Ω, V.S.W.R: Max. 1.4) (at 20 cpm)
Conditions
Conditions for operation, transport and storage
Ambient temperature: –40 to 70
°C –40°F to 158°F
(Single side stable standard and Latching type)
Ambient temperature: –40 to 60
°C –40°F to 140°F (Single side stable silent type)
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Unit weight
Approx. 2 g .071 oz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com